Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 78 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 74Page - Texas Instruments TNETV2501INPGF Datasheet HTML 75Page - Texas Instruments TNETV2501INPGF Datasheet HTML 76Page - Texas Instruments TNETV2501INPGF Datasheet HTML 77Page - Texas Instruments TNETV2501INPGF Datasheet HTML 78Page - Texas Instruments TNETV2501INPGF Datasheet HTML 79Page - Texas Instruments TNETV2501INPGF Datasheet HTML 80Page - Texas Instruments TNETV2501INPGF Datasheet HTML 81Page - Texas Instruments TNETV2501INPGF Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 197 page
background image
Functional Overview
78
December 2002 − Revised November 2008
SPRS206K
3.10.2.3 Peripheral Modules Idle Procedure
The clock to the modules included in the Peripherals Domain will be stopped when their corresponding bit in
the PICR is set to 1 and the PERIS bit in the ISTR becomes 1. Each module in this domain will go into idle
immediately if it has no activity. If the module being set to idle has activity, it will wait until the activity completes
before going into idle.
Each peripheral module can be idled by executing the following procedure.
1.
Write ‘1’ to the corresponding bit in PICR for each peripheral to be idled.
2.
Write ‘1’ to the PERI bit in ICR.
3.
Execute the IDLE instruction.
4.
Every peripheral with its corresponding PICR bit set will go to idle.
3.10.2.4 EMIF Module Idle Procedure
The 5501 EMIF can be idled in one of two ways: through the ICR and through the PICR. The EMIF will go into
idle immediately if there is no data transfer taking place within the DMA. If there is a data transfer taking place,
then the EMIF will wait until the DMA finishes the current transfer and goes into idle before going into idle itself.
Please note that while the EMIF is in idle, the SDRAM refresh function of the EMIF will not be available.
The 5501 EMIF can be idled through the ICR only when the following modules are set to idle: CPU, I-Port,
ICACHE, DMA, and HPI. To place the EMIF in idle using the ICR, execute the following procedure:
1.
Write ‘1’ to the DMA and HPI bits in MICR.
2.
Write ‘1’ to the CPUI, MPI, ICACHEI, EMIFI, and IPORTI bits in ICR.
3.
Execute the IDLE instruction.
4.
EMIF and all modules listed in Step 2 will go to idle.
The 5501 EMIF can also be idled through the PICR. To place the EMIF in idle using the PICR, execute the
following procedure:
1.
Write a ‘1’ to the EMIF bit in PICR.
2.
Write a ‘1’ to the PERI bit in ICR.
3.
Execute IDLE instruction.
4.
EMIF will go to IDLE.
3.10.2.5 IDLE2 Mode
In IDLE2 mode, all modules except the CLOCK module are set to idle state. To place the 5501 in IDLE2 mode,
perform the following steps.
1.
Write a ‘1’ to all peripheral module bits in the PICR.
2.
Write a ‘1’ to the HPI and DMA bits in MICR.
3.
Write a ‘1’ to all domain bits in the ICR except the CLOCK domain bit (CLKI).
4.
Execute the IDLE instruction.
5.
All internal clocks will be disabled, the CLOCK module will remain active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com