Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 87 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 83Page - Texas Instruments TNETV2501INPGF Datasheet HTML 84Page - Texas Instruments TNETV2501INPGF Datasheet HTML 85Page - Texas Instruments TNETV2501INPGF Datasheet HTML 86Page - Texas Instruments TNETV2501INPGF Datasheet HTML 87Page - Texas Instruments TNETV2501INPGF Datasheet HTML 88Page - Texas Instruments TNETV2501INPGF Datasheet HTML 89Page - Texas Instruments TNETV2501INPGF Datasheet HTML 90Page - Texas Instruments TNETV2501INPGF Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 197 page
background image
Functional Overview
87
December 2002 − Revised November 2008
SPRS206K
3.10.7.2 IDLE Status Register (ISTR)
15
9
8
Reserved
IPORTIS
R, 0000000
R, 0
76
54
32
10
MPORTIS
XPORTIS
EMIFIS
CLKIS
PERIS
ICACHEIS
MPIS
CPUIS
R, 0
R, 0
R, 0
R, 0
R, 0
R, 0
R, 0
R, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−27. IDLE Status Register Layout (0x0002)
Table 3−28. IDLE Status Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15−9
R
0000000
Reserved
IPORTIS
8
R
0
IPORT idle status bit. The IPORT is used for all ICACHE transactions.
IPORTIS = 0:
IPORT is active
IPORTIS = 1:
IPORT is disabled
MPORTIS
7
R
0
MPORT idle status bit. The MPORT is used for all DMA and HPI
transactions.
MPORTIS = 0:
MPORT is active
MPORTIS = 1:
MPORT is disabled
XPORTIS
6
R
0
XPORT idle status bit. The XPORT is used for all I/O memory transactions.
XPORTIS = 0:
XPORT is active
XPORTIS = 1:
XPORT is disabled
EMIFIS
5
R
0
External Memory Interface (EMIF) idle status bit
EMIFIS = 0:
EMIF module is active
EMIFIS = 1:
EMIF module is disabled
CLKIS
4
R
0
Device clock generator idle status bit
CLKIS = 0:
Device clock generator module is active
CLKIS = 1:
Device clock generator is disabled
PERIS
3
R
0
Peripheral idle status bit
PERIS = 0:
All peripheral modules are active
PERIS = 1:
All peripheral modules are disabled
ICACHEIS
2
R
0
ICACHE idle status bit
ICACHEIS = 0: ICACHE module is active
ICACHEIS = 1: ICACHE module is disabled
MPIS
1
R
0
DMA and HPI idle status bit
MPIS = 0:
DMA and HPI modules are active
MPIS = 1:
DMA and HPI modules are disabled
CPUIS
0
R
0
CPU idle status bit
CPUIS = 0:
CPU module is active
CPUIS = 1:
CPU module is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com