Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 91 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 87Page - Texas Instruments TNETV2501INPGF Datasheet HTML 88Page - Texas Instruments TNETV2501INPGF Datasheet HTML 89Page - Texas Instruments TNETV2501INPGF Datasheet HTML 90Page - Texas Instruments TNETV2501INPGF Datasheet HTML 91Page - Texas Instruments TNETV2501INPGF Datasheet HTML 92Page - Texas Instruments TNETV2501INPGF Datasheet HTML 93Page - Texas Instruments TNETV2501INPGF Datasheet HTML 94Page - Texas Instruments TNETV2501INPGF Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 197 page
background image
Functional Overview
91
December 2002 − Revised November 2008
SPRS206K
Table 3−30. Peripheral IDLE Status Register Bit Field Description (Continued)
BIT NAME
DESCRIPTION
RESET VALUE
ACCESS
BIT NO.
Reserved
4
R
0
Reserved
SP1
3
R
0
McBSP1 bit
SP1 = 0:
McBSP1 is active
SP1 = 1:
McBSP1 is disabled
SP0
2
R
0
McBSP0 bit
SP0 = 0:
McBSP0 is active
SP0 = 1:
McBSP0 is disabled
TIM1
1
R
0
TIMER1 bit
TIM1 = 0:
TIMER1 is active
TIM1 = 1:
TIMER1 is disabled
TIM0
0
R
0
TIMER0 bit
TIM0 = 0:
TIMER0 is active
TIM0 = 1:
TIMER0 is disabled
3.10.7.5 Master IDLE Control Register (MICR)
15
8
Reserved
R, 00000000
7
21
0
Reserved
HPI
DMA
R, 000000
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−30. Master IDLE Control Register Layout (0x9402)
Table 3−31. Master IDLE Control Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15−2
R
00000000000000
Reserved
HPI
1
R/W
0
HPI bit
HPI = 0:
HPI remains active when ISTR.MPIS becomes 1
HPI = 1:
HPI is disabled when ISTR.MPIS becomes 1
DMA
0
R/W
0
DMA bit
DMA = 0:
DMA remains active when ISTR.MPIS becomes 1
DMA = 1:
DMA is disabled when ISTR.MPIS becomes 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com