Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 29 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 25Page - Texas Instruments TNETV2501INPGF Datasheet HTML 26Page - Texas Instruments TNETV2501INPGF Datasheet HTML 27Page - Texas Instruments TNETV2501INPGF Datasheet HTML 28Page - Texas Instruments TNETV2501INPGF Datasheet HTML 29Page - Texas Instruments TNETV2501INPGF Datasheet HTML 30Page - Texas Instruments TNETV2501INPGF Datasheet HTML 31Page - Texas Instruments TNETV2501INPGF Datasheet HTML 32Page - Texas Instruments TNETV2501INPGF Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 197 page
background image
Introduction
29
December 2002 − Revised November 2008
SPRS206K
Table 2−4. Signal Descriptions (Continued)
Pin
Name
Function
Other‡
Pin
Type†
Multiplexed
Signal Name
EMIF − Clock Pins
ECLKIN
I
C, L
External EMIF input clock. ECLKIN is selected as the input clock to the EMIF when
EMIFCLKS is high.
ECLKOUT1
O/Z
E, F, M
EMIF output clock. ECLKOUT1 outputs the EMIF input clock by default but can be held
low or set to a high-impedance state through the EMIF Global Control Register 1
(EGCR1).
The ECLKOUT1 pin is always in a high-impedance state during reset. The behavior of
ECLKOUT1 immediately after reset depends on the state of GPIO6 during reset and
EMIFCLKS:
GPIO6
EMIFCLKS
ECLKOUT1 Behavior
0
0
Pin is in a high-impedance state.
0
1
Pin toggles at ECLKIN frequency.
1
0
Pin toggles at SYSCLK3 frequency.
1
1
Pin toggles at ECLKIN frequency.
ECLKOUT2
O/Z
E, F
EMIF output clock. ECLKOUT2 can be enabled to output the EMIF input clock divided by
a factor 1, 2, or 4 through the EMIF Global Control Register 2 (EGCR2). ECLKOUT2 can
also be held low or set to a high-impedance state through the EGCR2 register.
The ECLKOUT2 pin toggles with a clock frequency equal to the EMIF input clock divided
by 4 during reset. The behavior of ECLKOUT2 immediately after reset depends on the
state of GPIO6 during reset and EMIFCLKS:
GPIO6
EMIFCLKS
ECLKOUT2 Behavior
0
0
Pin is held low.
0
1
Pin toggles at one-fourth of the ECLKIN frequency.
1
0
Pin toggles at one-fourth of the SYSCLK3 frequency.
1
1
Pin toggles at one-fourth of the ECLKIN frequency.
EMIFCLKS
I
C, L
EMIF input clock source select. The clock source for the EMIF is determined by the
state of the EMIFCLKS pin. The EMIF uses an internal clock (SYSCLK3) if EMIFCLKS is
low. ECLKIN is used as the clock source if EMIFCLKS is high.
† I = Input, O = Output, S = Supply, Z = High impedance
‡ Other Pin Characteristics:
A − Internal pullup [always enabled]
B − Internal pulldown [always enabled]
C − Hysteresis input
D − Pin has bus holder, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
E − Pin is high impedance in HOLD mode (due to HOLD pin). The EKxHZ bits in the EMIF Global Control Registers (EGCR1, EGCR2)
determine the state of the ECLKOUTx signals during HOLD mode. If EKxHZ = 0, ECLKOUTx continues clocking during HOLD mode.
If EKxHZ = 1, ECLKOUTx goes to high impedance during HOLD mode.
F − Pin is high impedance in OFF mode (TRST = 0, EMU0 = 1, and EMU1/OFF = 0).
G − Pin can be configured as a general-purpose input.
H − PIn can be configured as a general-purpose output.
J
− Pin has an internal pullup, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
K − Pin has an internal pulldown, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
L
− Fail-safe pin
M − Pin is in high-impedance during reset (RESET pin is low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com