Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 44 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 40Page - Texas Instruments TNETV2501INPGF Datasheet HTML 41Page - Texas Instruments TNETV2501INPGF Datasheet HTML 42Page - Texas Instruments TNETV2501INPGF Datasheet HTML 43Page - Texas Instruments TNETV2501INPGF Datasheet HTML 44Page - Texas Instruments TNETV2501INPGF Datasheet HTML 45Page - Texas Instruments TNETV2501INPGF Datasheet HTML 46Page - Texas Instruments TNETV2501INPGF Datasheet HTML 47Page - Texas Instruments TNETV2501INPGF Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 197 page
background image
Functional Overview
44
December 2002 − Revised November 2008
SPRS206K
Table 3−4 lists the individual routing of the EMIF and PGPIO signals to the external parallel address, data, and
control buses.
Table 3−4. TMS320VC5501 Routing of Parallel Port Mux Signals
PIN
PARALLEL/HOST PORT MUX MODE = 0
(PGPIO)
PARALLEL/HOST PORT MUX MODE = 1
(FULL EMIF)
Address Bus
A[17:2]
Reserved
EMIF.A[17:2]
A[21:18]
PGPIO[3:0]
EMIF.A[21:18]
Data Bus
D[31:16]
PGPIO[19:4]
EMIF.D[31:16]
D[15:0]
Reserved
EMIF.D[15:0]
Control Bus
C0
PGPIO20
EMIF.ARE/SADS/SDCAS/SRE
C1
PGPIO21
EMIF.AOE/SOE/SDRAS
C2
PGPIO22
EMIF.AWE/SWE/SDWE
C3
PGPIO23
EMIF.ARDY
C4
PGPIO24
EMIF.CE0
C5
PGPIO25
EMIF.CE1
C6
PGPIO26
EMIF.CE2
C7
PGPIO27
EMIF.CE3
C8
PGPIO28
EMIF.BE0
C9
PGPIO29
EMIF.BE1
C10
PGPIO30
EMIF.BE2
C11
PGPIO31
EMIF.BE3
C12
PGPIO32
EMIF.SDCKE
C13
PGPIO33
EMIF.SOE3
C14
PGPIO34
EMIF.HOLD
C15
PGPIO35
EMIF.HOLDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com