Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 58 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 54Page - Texas Instruments TNETV2501INPGF Datasheet HTML 55Page - Texas Instruments TNETV2501INPGF Datasheet HTML 56Page - Texas Instruments TNETV2501INPGF Datasheet HTML 57Page - Texas Instruments TNETV2501INPGF Datasheet HTML 58Page - Texas Instruments TNETV2501INPGF Datasheet HTML 59Page - Texas Instruments TNETV2501INPGF Datasheet HTML 60Page - Texas Instruments TNETV2501INPGF Datasheet HTML 61Page - Texas Instruments TNETV2501INPGF Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 197 page
background image
Functional Overview
58
December 2002 − Revised November 2008
SPRS206K
3.8
Direct Memory Access (DMA) Controller
The 5501 DMA provides the following features:
•
Four standard ports for the following data resources: two for DARAM, one for Peripherals, and one for
External Memory
•
Six channels, which allow the DMA controller to track the context of six independent DMA channels
•
Programmable low/high priority for each DMA channel
•
One interrupt for each DMA channel
•
Event synchronization. DMA transfers in each channel can be dependent on the occurrence of selected
events.
•
Programmable address modification for source and destination addresses
•
Idle mode that allows the DMA controller to be placed in a low-power (idle) state under software control
The 5501 has an Auto-wakeup/Idle function for McBSP to DMA to on-chip memory data transfers when the
DMA and the McBSP are both set to IDLE. In the case that the McBSP is set to external clock mode and the
McBSP and the DMA are set to idle, the McBSP and the DMA can wake up from IDLE state automatically if
the McBSP gets a new data transfer. The McBSP and the DMA enter the idle state automatically after data
transfer is complete. [The clock generator (PLL) should be active and the PLL core should not be in
power-down mode for the Auto-wakeup/Idle function to work.]
The 5501 DMA controller allows transfers to be synchronized to selected events. The 5501 supports
14 separate synchronization events and each channel can be tied to separate synchronization event
independent of the other channels. Synchronization events are selected by programming the SYNC field in
the channel-specific DMA Channel Control Register (DMA_CCR).
The 5501 DMA can access all the internal DARAM space as well as all external memory space. The 5501 DMA
also has access to the registers for the following peripheral modules: McBSP, UART, GPIO, PGPIO, and I2C.
3.8.1 DMA Channel 0 Control Register (DMA_CCR0)
The DMA Channel 0 Control Register (DMA_CCR0) bit layouts are shown in Figure 3−11. DMA_CCR1 to
DMA_CCR5 have similar bit layouts. See the TMS320VC5501/5502 DSP Direct Memory Access (DMA)
Controller Reference Guide (literature number SPRU613) for more information on the DMA Channel n Control
Register (n = 0, 1, 2, 3, 4, or 5).
15
14
13
12
11
10
9
8
DSTAMODE
SRCAMODE
ENDPROG
WP
REPEAT
AUTOINIT
R/W, 00
R/W, 00
R/W, 0
R/W, 0
R/W, 0
R/W, 0
76
54
0
EN
PRIO
FS
SYNC
R/W, 0
R/W, 0
R/W, 0
R/W, 00000
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−11. DMA Channel 0 Control Register Layout (0x0C01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com