Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 43 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 39Page - Texas Instruments TNETV2501INPGF Datasheet HTML 40Page - Texas Instruments TNETV2501INPGF Datasheet HTML 41Page - Texas Instruments TNETV2501INPGF Datasheet HTML 42Page - Texas Instruments TNETV2501INPGF Datasheet HTML 43Page - Texas Instruments TNETV2501INPGF Datasheet HTML 44Page - Texas Instruments TNETV2501INPGF Datasheet HTML 45Page - Texas Instruments TNETV2501INPGF Datasheet HTML 46Page - Texas Instruments TNETV2501INPGF Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 197 page
background image
Functional Overview
43
December 2002 − Revised November 2008
SPRS206K
•
Four timers
−
Two 64-bit general-purpose timers
−
A programmable watchdog timer
−
A DSP/BIOS timer
•
An Inter-integrated Circuit (I2C) multi-master and slave interface
•
A Universal Asynchronous Receiver/Transmitter (UART)
For detailed information on the C55x DSP peripherals, see the following documents:
•
TMS320VC5501/5502 DSP Instruction Cache Reference Guide (literature number SPRU630)
•
TMS320VC5501/5502 DSP Timers Reference Guide (literature number SPRU618)
•
TMS320VC5501/5502/5503/5507/5509 DSP Inter-Integrated Circuit (I2C) Module Reference Guide
(literature number SPRU146)
•
TMS320VC5501/5502 DSP Host Port Interface (HPI) Reference Guide (literature number SPRU620)
•
TMS320VC5501/5502 DSP Direct Memory Access (DMA) Controller Reference Guide
(literature number SPRU613)
•
TMS320VC5501/5502/5503/5507/5509/5510 DSP Multichannel Buffered Serial Port (McBSP)
Reference Guide (literature number SPRU592)
•
TMS320VC5501/5502 DSP External Memory Interface (EMIF) Reference Guide
(literature number SPRU621)
•
TMS320VC5501/5502 DSP Universal Asynchronous Receiver/Transmitter (UART) Reference Guide
(literature number SPRU597)
3.3
Configurable External Ports and Signals
A number of pins on the 5501 have two functions, a feature that allows system designers to choose an
appropriate media interface for his/her application without the need for a large pin-count package. Two muxes
are included in the 5501 to control the configuration of these dual-function pins: the Parallel Port Mux and the
Host Port Mux. The state of these muxes is set at reset based on the state of the GPIO6 pin. The External
Bus Selection Register (XBSR) reflects the configuration of these muxes after the 5501 comes out of reset.
3.3.1 Parallel Port Mux
The Parallel Port Mux of the 5501 controls the function of 20 address signals (pins A[21:2]), 32 data signals
(pins D[31:0]), and 16 control signals (pins C0 through C15). The Parallel Port Mux supports two different
modes:
•
Full EMIF mode: The EMIF is enabled and its 20 address, 32 data, and 16 control signals are routed to
their corresponding pins on the Parallel Port Mux.
•
Parallel general-purpose I/O mode: The EMIF and HPI are disabled and 16 control, 4 address, and
16 data pins of the Parallel Port Mux are set to parallel general-purpose I/O (PGPIO).
The mode of the Parallel Port Mux is determined by the state of the GPIO6 pin at reset. If GPIO6 is low, the
EMIF and the HPI will be disabled: pins A[17:2] and pins D[15:0] will become reserved pins. All other pins in
the Parallel Port Mux are set to parallel general-purpose I/O. The Parallel/Host Port Mux Mode bit field in the
External Bus Selection Register (XBSR) will also be set to 0 to reflect the PGPIO mode of the Parallel Port
Mux.
If GPIO6 is high at reset, the HPI will be enabled in multiplexed mode and the EMIF will be fully enabled: pins
A[21:2] are set to EMIF.A[21:2], pins D[31:0] are set to EMIF.D[31:0], and pins C[15:0] are set to their
corresponding EMIF operation. The Parallel/Host Port Mux Mode bit field in the XBSR will be set to 1 to reflect
the full EMIF mode of the Parallel Port Mux. Note that in multiplexed mode, the HPI will use the HD[7:0] pins
to strobe in address and data information (see Section 3.7, Host-Port Interface (HPI), for more information on
the operation of the HPI in multiplexed mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com