Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 94 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 90Page - Texas Instruments TNETV2501INPGF Datasheet HTML 91Page - Texas Instruments TNETV2501INPGF Datasheet HTML 92Page - Texas Instruments TNETV2501INPGF Datasheet HTML 93Page - Texas Instruments TNETV2501INPGF Datasheet HTML 94Page - Texas Instruments TNETV2501INPGF Datasheet HTML 95Page - Texas Instruments TNETV2501INPGF Datasheet HTML 96Page - Texas Instruments TNETV2501INPGF Datasheet HTML 97Page - Texas Instruments TNETV2501INPGF Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 197 page
background image
Functional Overview
94
December 2002 − Revised November 2008
SPRS206K
3.11.2
Parallel Port General-Purpose I/O (PGPIO)
Four address pins (A[21:18]), 16 data pins (D[31:16]), 16 control signals (C[15:0]), 8 host data pins (HD[7:0]),
and 2 HPI control pins (HC0, HC1) can be individually enabled as PGPIO when the Parallel/Host Port Mux
Mode bit field of the External Bus Selection Register (XBSR) is cleared for PGPIO mode (see Table 3−35).
These pins are controlled by three sets of registers: the PGPIO enable registers, the PGPIO direction
registers, and the PGPIO data registers.
•
The PGPIO enable registers PGPIOEN0−PGPIOEN2 (see Figure 3−34, Figure 3−37, and Figure 3−40)
determine if the output function of the PGPIO pins is enabled or disabled.
•
The PGPIO direction registers PGPIODIR0−PGPIODIR2 (see Figure 3−35, Figure 3−38, and
Figure 3−41) determine if corresponding bits in the PGPIO data registers specify an output value or an
input value.
•
The PGPIO data registers PGPIODAT0−PGPIODAT2 (see Figure 3−36, Figure 3−39, and Figure 3−42)
store the value read or written externally.
To use a PGPIO pin as an output, its corresponding bit must be set to 1 in both the enable and direction
registers. The state of the pin is then controlled through its bit in the data register. Conversely, to use a PGPIO
pin as an input, its corresponding bit must be cleared to 0 in both the enable and the direction registers. The
state of the pin can then be read from its bit in the data register.
NOTE: The enable registers PGPIOENn cannot override the External Bus Selection Register
(XBSR) setting.
Table 3−35. TMS320VC5501 PGPIO Cross-Reference
PIN
PARALLEL/HOST PORT MUX MODE = 0
(PGPIO)
PARALLEL/HOST PORT MUX MODE = 1
(FULL EMIF)
EMIF Address Bus
A[21:18]
PGPIO[3:0]
EMIF.A[21:18]
EMIF Data Bus
D[31:16]
PGPIO[19:4]
EMIF.D[31:16]
EMIF Control Bus
C0
PGPIO20
EMIF.ARE/SADS/SDCAS/SRE
C1
PGPIO21
EMIF.AOE/SOE/SDRAS
C2
PGPIO22
EMIF.AWE/SWE/SDWE
C3
PGPIO23
EMIF.ARDY
C4
PGPIO24
EMIF.CE0
C5
PGPIO25
EMIF.CE1
C6
PGPIO26
EMIF.CE2
C7
PGPIO27
EMIF.CE3
C8
PGPIO28
EMIF.BE0
C9
PGPIO29
EMIF.BE1
C10
PGPIO30
EMIF.BE2
C11
PGPIO31
EMIF.BE3
C12
PGPIO32
EMIF.SDCKE
C13
PGPIO33
EMIF.SOE3
C14
PGPIO34
EMIF.HOLD
C15
PGPIO35
EMIF.HOLDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com