Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 88 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 84Page - Texas Instruments TNETV2501INPGF Datasheet HTML 85Page - Texas Instruments TNETV2501INPGF Datasheet HTML 86Page - Texas Instruments TNETV2501INPGF Datasheet HTML 87Page - Texas Instruments TNETV2501INPGF Datasheet HTML 88Page - Texas Instruments TNETV2501INPGF Datasheet HTML 89Page - Texas Instruments TNETV2501INPGF Datasheet HTML 90Page - Texas Instruments TNETV2501INPGF Datasheet HTML 91Page - Texas Instruments TNETV2501INPGF Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 197 page
background image
Functional Overview
88
December 2002 − Revised November 2008
SPRS206K
3.10.7.3 Peripheral IDLE Control Register (PICR)
15
14
13
12
11
10
9
8
Reserved
MISC
EMIF
BIOST
WDT
PIO
URT
R, 00
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
7
65
4
3
2
1
0
I2C
ID
IO
Reserved
SP1
SP0
TIM1
TIM0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−28. Peripheral IDLE Control Register Layout (0x9400)
Table 3−29. Peripheral IDLE Control Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15−14
R
00
Reserved
MISC
13†
R/W
0
MISC bit
MISC = 0:
Miscellaneous modules remain active when
ISTR.PERIS = 1 and IDLE instruction is executed.
MISC = 1:
MIscellaneous module is disabled when
ISTR.PERIS = 1 and IDLE instruction is executed.
Miscellaneous modules include the XBSR, TIMEOUT Error Register,
XBCR, Timer Signal Selection Register, CLKOUT Select Register,
and Clock Mode Control Register.
EMIF
12†
R/W
0
EMIF bit
EMIF = 0:
EMIF module remains active when ISTR.PERIS = 1
and IDLE instruction is executed.
EMIF = 1:
EMIF module is disabled when ISTR.PERIS = 1 and
IDLE instruction is executed.
BIOST
11†
R/W
0
BIOS timer bit
BIOST = 0:
DSP/BIOS timer remains active when ISTR.PERIS = 1
and the IDLE instruction is executed.
BIOST = 1:
DSP/BIOS timer is disabled when ISTR.PERIS = 1 and
the IDLE instruction is executed.
WDT
10†
R/W
0
Watchdog timer bit
WDT = 0:
WDT remains active when ISTR.PERIS = 1
and the IDLE instruction is executed.
WDT = 1:
WDT is disabled when ISTR.PERIS = 1 and
the IDLE instruction is executed.
PIO
9†
R/W
0
Parallel GPIO bit
PIO = 0:
Parallel GPIO remains active when ISTR.PERIS = 1
(ISTR.[3]) and the IDLE instruction is executed.
PIO = 1:
Parallel GPIO is disabled when ISTR.PERIS = 1 and
the IDLE instruction is executed.
† If the peripheral is already in IDLE, setting PERI (bit 3 of ICR) to 0 and executing the IDLE instruction will wake up all peripherals, and PICR bit
settings will be ignored. If PERIS (bit 3 of ISTR) = 1, executing the IDLE instruction will wake up the peripheral if its PICR bit is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com