Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 93 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 89Page - Texas Instruments TNETV2501INPGF Datasheet HTML 90Page - Texas Instruments TNETV2501INPGF Datasheet HTML 91Page - Texas Instruments TNETV2501INPGF Datasheet HTML 92Page - Texas Instruments TNETV2501INPGF Datasheet HTML 93Page - Texas Instruments TNETV2501INPGF Datasheet HTML 94Page - Texas Instruments TNETV2501INPGF Datasheet HTML 95Page - Texas Instruments TNETV2501INPGF Datasheet HTML 96Page - Texas Instruments TNETV2501INPGF Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 197 page
background image
Functional Overview
93
December 2002 − Revised November 2008
SPRS206K
3.11.1.1
General-Purpose I/O Direction Register (IODIR)
15
8
Reserved
R, 00000000
76
54
32
10
IO7DIR
IO6DIR
IO5DIR
IO4DIR
IO3DIR
IO2DIR
IO1DIR
IO0DIR
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−32. GPIO Direction Register Layout (0x3400)
Table 3−33. GPIO Direction Register Bit Field Description†
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15−8
R
00000000
Reserved
IOxDIR
7−0
R/W
00000000
Data direction bits that configure the GPIO pins as inputs or outputs.
IOxDIR = 0:
Configure corresponding GPIO pin as an input
IOxDIR = 1:
Configure corresponding GPIO pin as an output
† x = value from 0 to 7
3.11.1.2
General-Purpose I/O Data Register (IODATA)
15
8
Reserved
R, 00000000
76
54
32
10
IO7D
IO6D
IO5D
IO4D
IO3D
IO2D
IO1D
IO0D
R/W, pin
R/W, pin
R/W, pin
R/W, pin
R/W, pin
R/W, pin
R/W, pin
R/W, pin
LEGEND: R = Read, W = Write, n = value at reset, pin = the reset value depends on the signal level on the corresponding I/O pin.
Figure 3−33. GPIO Data Register Layout (0x3401)
Table 3−34. GPIO Data Register Bit Field Description†
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15−8
R
00000000
Reserved
IOxD
7−0
R/W
Depends on the signal level on
the corresponding I/O pin
Data bits that are used to control the level of the I/O
pins configured as outputs and to monitor the level of
the I/O pins configured as inputs.
If IOxDIR = 0, then:
IOxD = 0:
Corresponding GPIO pin is read as a low
IOxD = 1:
Corresponding GPIO pin is read as a
high
If IOxDIR = 1, then:
IOxD = 0:
Set corresponding GPIO pin to low
IOxD = 1:
Set corresponding GPIO pin to high
† x = value from 0 to 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com