Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 16 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 12Page - Texas Instruments TNETV2501INPGF Datasheet HTML 13Page - Texas Instruments TNETV2501INPGF Datasheet HTML 14Page - Texas Instruments TNETV2501INPGF Datasheet HTML 15Page - Texas Instruments TNETV2501INPGF Datasheet HTML 16Page - Texas Instruments TNETV2501INPGF Datasheet HTML 17Page - Texas Instruments TNETV2501INPGF Datasheet HTML 18Page - Texas Instruments TNETV2501INPGF Datasheet HTML 19Page - Texas Instruments TNETV2501INPGF Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 197 page
background image
Introduction
16
December 2002 − Revised November 2008
SPRS206K
2
Introduction
This section describes the main features of the TMS320VC5501 and gives a brief description of the device.
NOTE: This document is designed to be used in conjunction with the TMS320C55x DSP CPU Reference
Guide (literature number SPRU371).
2.1
Description
The TMS320VC5501 (5501) fixed-point digital signal processor (DSP) is based on the TMS320C55x
 DSP
generation CPU processor core. The C55x
 DSP architecture achieves high performance and low power
through increased parallelism and total focus on reduction in power dissipation. The CPU supports an internal
bus structure that is composed of one program bus, three data read buses, two data write buses, and
additional buses dedicated to peripheral and DMA activity. These buses provide the ability to perform up to
three data reads and two data writes in a single cycle. In parallel, the DMA controller can perform data transfers
independent of the CPU activity.
The C55x
 CPU provides two multiply-accumulate (MAC) units, each capable of 17-bit x 17-bit multiplication
in a single cycle. A central 40-bit arithmetic/logic unit (ALU) is supported by an additional 16-bit ALU. Use of
the ALUs is under instruction set control, providing the ability to optimize parallel activity and power
consumption. These resources are managed in the Address Unit (AU) and Data Unit (DU) of the C55x CPU.
The C55x DSP generation supports a variable byte width instruction set for improved code density. The
Instruction Unit (IU) performs 32-bit program fetches from internal or external memory and queues instructions
for the Program Unit (PU). The Program Unit decodes the instructions, directs tasks to AU and DU resources,
and manages the fully protected pipeline. Predictive branching capability avoids pipeline flushes on execution
of conditional instructions.
The 5501 peripheral set includes an external memory interface (EMIF) that provides glueless access to
asynchronous memories like EPROM and SRAM, as well as to high-speed, high-density memories such as
synchronous DRAM and synchronous burst RAM. Additional peripherals include UART, watchdog timer, and
an I-Cache. Two full-duplex multichannel buffered serial ports (McBSPs) provide glueless interface to a variety
of industry-standard serial devices, and multichannel communication with up to 128 separately enabled
channels. The host-port interface (HPI) is an 8-bit parallel interface used to provide host processor access
to 16K words of internal memory on the 5501. The HPI operates in multiplexed mode to provide glueless
interface to a wide variety of host processors. The DMA controller provides data movement for six independent
channel contexts without CPU intervention. Two general-purpose timers, eight dedicated general-purpose I/O
(GPIO) pins, and analog phase-locked loop (APLL) clock generation are also included.
The 5501 is supported by the industry’s award-winning eXpressDSP
, Code Composer Studio Integrated
Development Environment (IDE), DSP/BIOS
, Texas Instruments’ algorithm standard, and the industry’s
largest third-party network. The Code Composer Studio
 IDE features code generation tools that include a
C Compiler, Visual Linker, simulator, RTDX
, XDS510 emulation device drivers, and evaluation modules.
The 5501 is also supported by the C55x
 DSP Library, which features more than 50 foundational software
kernels (FIR filters, IIR filters, FFTs, and various math functions) as well as chip and board support libraries.
C55x, eXpressDSP, Code Composer Studio, RTDX, and XDS510 are trademarks of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com