Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 40 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 36Page - Texas Instruments TNETV2501INPGF Datasheet HTML 37Page - Texas Instruments TNETV2501INPGF Datasheet HTML 38Page - Texas Instruments TNETV2501INPGF Datasheet HTML 39Page - Texas Instruments TNETV2501INPGF Datasheet HTML 40Page - Texas Instruments TNETV2501INPGF Datasheet HTML 41Page - Texas Instruments TNETV2501INPGF Datasheet HTML 42Page - Texas Instruments TNETV2501INPGF Datasheet HTML 43Page - Texas Instruments TNETV2501INPGF Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 197 page
background image
Functional Overview
40
December 2002 − Revised November 2008
SPRS206K
3.1.2 On-Chip Dual-Access RAM (DARAM)
TMS320VC5501 features 16K x 16-bit (32K bytes) of on-chip dual-access RAM. This memory enhances
system performance, since the C55x CPU can access a DARAM block twice per machine cycle. The DARAM
is composed of 4 blocks of 4K x 16-bit each (see Table 3−2). Each block in the DARAM can support two reads
in one cycle, a read and a write in one cycle, or two writes in one cycle. The dual-access RAM is located in
the (byte) address range 000000h−007FFFh, it can be accessed by the program, data and DMA buses. The
HPI has NO access to the DARAM block when device is in reset.
Table 3−2. DARAM Blocks
BYTE ADDRESS RANGE
MEMORY BLOCK
000000h − 001FFFh
DARAM 0†
002000h − 003FFFh
DARAM 1
004000h − 005FFFh
DARAM 2
006000h − 007FFFh
DARAM 3
† First 192 bytes are reserved for Memory-Mapped Registers (MMRs).
3.1.3 Instruction Cache
On the TMS320VC5501, instructions may reside in internal memory or external memory. When instructions
reside in external memory, the I-Cache can improve the overall system performance by buffering the most
recent instructions accessed by the CPU.
The 5501 includes a 16K-byte instruction cache, which consists of a single 2-way cache block. The 2-way
cache uses 2-way associative mapping and holds up to 16K bytes: 512 sets, two lines per set, four 32-bit
words per line. In the 2-way cache, each line is identified by a unique tag. The 2-way cache is updated based
on a least-recently-used algorithm.
Control bits in the CPU status register ST3_55 provide the ability to enable, freeze, and flush the cache.
For more information on the instruction cache, see the TMS320VC5501/5502 DSP Instruction Cache
Reference Guide (literature number SPRU630).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com