Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 32 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 28Page - Texas Instruments TNETV2501INPGF Datasheet HTML 29Page - Texas Instruments TNETV2501INPGF Datasheet HTML 30Page - Texas Instruments TNETV2501INPGF Datasheet HTML 31Page - Texas Instruments TNETV2501INPGF Datasheet HTML 32Page - Texas Instruments TNETV2501INPGF Datasheet HTML 33Page - Texas Instruments TNETV2501INPGF Datasheet HTML 34Page - Texas Instruments TNETV2501INPGF Datasheet HTML 35Page - Texas Instruments TNETV2501INPGF Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 197 page
background image
Introduction
32
December 2002 − Revised November 2008
SPRS206K
Table 2−4. Signal Descriptions (Continued)
Pin
Name
Function
Other‡
Pin
Type†
Multiplexed
Signal Name
HPI Pins (Continued)
HINT
O/Z
F, G, H,
J, M
Host interrupt (from DSP to host). The HINT pin is used by the DSP to interrupt the host.
The HINT signal is in a high-impedance state during reset and is set to output after reset
with an output value of 1.
HPIENA
I
C, L
HPI enable. The HPIENA pin must be dreiven high to enable the HPI for operation. If the
HPIENA pin is low, the HPI will be completely disabled and all HPI output pins will be in a
high-impedance state.
If the HPI is not needed, the HPIENA pin can be pulled low.
Interrupt and Reset Pins
INT[3:0]
I
C, L
Maskable external interrupts. INT0−INT3 are maskable interrupts.They are enabled
through the Interrupt Enable Registers (IER0 and IER1). All maskable interrupts are
globally enabled/disabled through the Interrupt Mode bit (INTM in ST1_55). INT0−INT3
can be polled and reset via the Interrupt Flag Registers (IFR0 and IFR1). All interrupts are
prioritized as shown in Table 3−75, Interrupt Table.
NMI/WDTOUT
I/O/Z
C, F, J,
M
Non-maskable external interrupt or Watchdog Timer output. The function of this pin is
controlled by the Timer Signal Selection Register (TSSR). By default, the NMI/WDTOUT
pin has the function of the NMI signal.
NMI is an external interrupt that cannot be masked by the Interrupt Enable Registers
(IER0 and IER1). When NMI is activated, the interrupt is always performed.
WDTOUT serves as an input and output pin for the Watchdog Timer.
IACK
O/Z
F, M
Interrupt acknowledge. IACK indicates the receipt of an interrupt and that the program
counter is fetching the interrupt vector location designated on the address bus. The IACK
pin is set to a value of ‘1’ during reset.
RESET
I
C, L
Device reset. RESET causes the digital signal processor (DSP) to terminate current
program execution. When RESET is brought to a high level, program execution begins by
fetching the reset interrupt service vector at the reset vector address FFFF00h
(IVPD:FFFFh). RESET affects various registers and status bits.
† I = Input, O = Output, S = Supply, Z = High impedance
‡ Other Pin Characteristics:
A − Internal pullup [always enabled]
B − Internal pulldown [always enabled]
C − Hysteresis input
D − Pin has bus holder, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
E − Pin is high impedance in HOLD mode (due to HOLD pin). The EKxHZ bits in the EMIF Global Control Registers (EGCR1, EGCR2)
determine the state of the ECLKOUTx signals during HOLD mode. If EKxHZ = 0, ECLKOUTx continues clocking during HOLD mode.
If EKxHZ = 1, ECLKOUTx goes to high impedance during HOLD mode.
F − Pin is high impedance in OFF mode (TRST = 0, EMU0 = 1, and EMU1/OFF = 0).
G − Pin can be configured as a general-purpose input.
H − PIn can be configured as a general-purpose output.
J
− Pin has an internal pullup, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
K − Pin has an internal pulldown, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
L
− Fail-safe pin
M − Pin is in high-impedance during reset (RESET pin is low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com