Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z86L02 Datasheet HTML 3Page - Zilog, Inc. Z86L02 Datasheet HTML 4Page - Zilog, Inc. Z86L02 Datasheet HTML 5Page - Zilog, Inc. Z86L02 Datasheet HTML 6Page - Zilog, Inc. Z86L02 Datasheet HTML 7Page - Zilog, Inc. Z86L02 Datasheet HTML 8Page - Zilog, Inc. Z86L02 Datasheet HTML 9Page - Zilog, Inc. Z86L02 Datasheet HTML 10Page - Zilog, Inc. Z86L02 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Z86C02/E02/L02
Zilog
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
DS96DZ80301
P R E L I M I N A R Y
7
1
DC CHARACTERISTICS
Z86C02
TA = 40°C to+105°C
TA = 0°C to +70°C
Typical
Sym. Parameter
VCC [4]
Min
Max
@ 25
°C Units
Conditions
Notes
ICC Supply Current
3.0V
3.5
1.5
mA
@ 2 MHz
[5,6,7]
5.5V
7.0
3.8
mA
@ 2 MHz
[5,6,7]
3.0V
8.0
3.0
mA
@ 8 MHz
[5,6,7]
5.5V
11.0
4.4
mA
@ 8 MHz
[5,6,7]
ICC1 Standby Current (Halt Mode)
3.0V
2.5
0.7
mA
@ 2 MHz
[5,6,7]
5.5V
4.0
2.5
mA
@ 2 MHz
[5,6,7]
3.0V
4.0
1.0
mA
@ 8 MHz
[5,6,7]
5.5V
5.0
3.0
mA
@ 8 MHz
[5,6,7]
ICC Supply Current (Low Noise Mode)
3.0V
3.5
1.5
mA
@ 1 MHz
[5,6,7]
5.5V
7.0
3.8
mA
@ 1 MHz
[5,6,7]
3.0V
5.8
2.5
mA
@ 2 MHz
[5,6,7]
5.5V
9.0
4.0
mA
@ 2 MHz
[5,6,7]
3.0V
8.0
3.0
mA
@ 4 MHz
[5,6,7]
5.5V
11.0
4.4
mA
@ 4 MHz
[5,6,7]
ICC1 Standby Current
(Low Noise Halt Mode)
3.0V
2.5
0.7
mA
@ 1 MHz
[6,7,8]
5.5V
4.0
2.5
mA
@ 1 MHz
[6,7,8]
3.0V
3.0
0.9
mA
@ 2 MHz
[6,7,8]
5.5V
4.5
2.8
mA
@ 2 MHz
[6,7,8]
3.0V
4.0
1.0
mA
@ 4 MHz
[6,7,8]
5.5V
5.0
3.0
mA
@ 4 MHz
[6,7,8]
ICC2 Standby Current (Stop Mode)
3.0V
10
1.0
µA
[6,7,8,9]
3.0V
20
1.0
µA
[6,7,8,10]
5.5V
10
1.0
µA
[6,7,8,9]
5.5V
20
1.0
µA
[6,7,8,10]
IALL
Auto Latch Low Current
3.0V
12
3.0
µA
0V < VIN < VCC
5.5V
32
16
µA
0V < VIN < VCC
IALH
Auto Latch High Current
3.0V
–8
-1.5
µA
0V < VIN < VCC
5.5V
–16
-8.0
µA
0V < VIN < VCC
Notes:
1. ort 0, 2, and 3 only.
2. VSS = 0V = GND.
3. The device operates down to VLV The minimum operational VCC is determined on the value of the voltage
VLV at the ambient temperature.
4. VCC = 3.0V to 5.5V, typical values measured at VCC = 3.3V and VCC = 5.0V.
5. Standard mode (not Low EMI mode).
6. Inputs at VCC or VSS, outputs unloaded.
7. Halt mode and Low EMI mode.
8. WDT not running.
9. TA= 0˚C to 70˚C.
10.
TA= 40˚C to 105˚C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com