Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z86L02 Datasheet HTML 15Page - Zilog, Inc. Z86L02 Datasheet HTML 16Page - Zilog, Inc. Z86L02 Datasheet HTML 17Page - Zilog, Inc. Z86L02 Datasheet HTML 18Page - Zilog, Inc. Z86L02 Datasheet HTML 19Page - Zilog, Inc. Z86L02 Datasheet HTML 20Page - Zilog, Inc. Z86L02 Datasheet HTML 21Page - Zilog, Inc. Z86L02 Datasheet HTML 22Page - Zilog, Inc. Z86L02 Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Z86C02/E02/L02
Zilog
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
DS96DZ80301
P R E L I M I N A R Y
19
1
FUNCTIONAL DESCRIPTION
The following special functions have been incorporated
into the Z86C02/E02/L02 devices to enhance the standard
Z8 core architecture to provide the user with increased de-
sign flexibility.
RESET. This function is accomplished by means of a Pow-
er-On Reset or a Watch-Dog Timer Reset. Upon power-
up, the Power-On Reset circuit waits for TPOR ms, plus 18
clock cycles, then starts program execution at address
000C (Hex) (Figure 11). The control registers' reset value
is shown in Table 4.
Power-On Reset (POR). A timer circuit clocked by a ded-
icated on-board RC oscillator is used for a POR timer func-
tion. The POR time allows VCC and the oscillator circuit to
stabilize before instruction execution begins. The POR
timer circuit is a one-shot timer triggered by one of the four
following conditions:
s
Power bad to power good status
s
Stop-Mode Recovery
s
WDT time-out
s
WDH time-out (in Halt Mode)
s
WDT time-out (in Stop Mode)
Watch-Dog Timer Reset. The WDT is a retriggerable
one-shot timer that resets the Z8 if it reaches its terminal
count. The WDT is initially enabled by executing the WDT
instruction and is retriggered on subsequent execution of
the WDT instruction. The timer circuit is driven by an on-
board RC oscillator. If the permanent WDT option is select-
ed then the WDT is enabled after reset and operates in
RUN Mode, HALT mode, STOP mode and cannot be dis-
abled. If the permanent WDT option is not selected then
the WDT, when enabled by the user's software, does not
operate in STOP Mode, but it can operate in HALT Mode
by using a WDH instruction.
Figure 11. Internal Reset Configuration
POR
(Cold Start)
P27
(Stop Mode)
Delay Line
T
POR ms
18 CLK
Reset Filter
Chip
Reset
XTAL OSC
INT OSC
Table 4. Control Register
Reset Condition
Addr Reg.
D7 D6 D5 D4 D3 D2 D1 D0 Comments
FF
SPL
00000000
FE
GPR
00000000
FD
RP
00000000
FC
FLAGS UUUUUUUU
FB
IMR
0
UUUUUUU
FA
IRQ
U U
000000 IRQ3 is used
for positive
edge
detection
F9
IPR
UUUUUUUU
F8
P01M
U U U
0
U U
0
1
F7*
P3M
UUUUUU
0
0 P2 open-drain
F6*
P2M
11111111 Inputs after
reset
F3
PRE1
UUUUUU
0
0
F2
T1
UUUUUUUU
F1
TMR
00000000
Note:
*Registers are not reset after a STOP-Mode Recovery
using P27 pin. A subsequent reset will cause these control
registers to be reconfigured as shown in Table 4 and the
user must avoid bus contention on the port pins or it may
affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com