Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 20 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 20 Page - Zilog, Inc.

Back Button Z86L02 Datasheet HTML 16Page - Zilog, Inc. Z86L02 Datasheet HTML 17Page - Zilog, Inc. Z86L02 Datasheet HTML 18Page - Zilog, Inc. Z86L02 Datasheet HTML 19Page - Zilog, Inc. Z86L02 Datasheet HTML 20Page - Zilog, Inc. Z86L02 Datasheet HTML 21Page - Zilog, Inc. Z86L02 Datasheet HTML 22Page - Zilog, Inc. Z86L02 Datasheet HTML 23Page - Zilog, Inc. Z86L02 Datasheet HTML 24Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Z86C02/E02/L02
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
Zilog
20
P R E L I M I N A R Y
DS96DZ80301
FUNCTIONAL DESCRIPTION (Continued)
Program Memory. The Z8 addresses up to 512 bytes of
internal program memory (Figure 12). The first 12 bytes of
program memory are reserved for the interrupt vectors.
These locations contain six 16-bit vectors that correspond
to the six available interrupts. Bytes 0-511 are on-chip one-
time programmable ROM.
Register File. The Register File consists of three I/O port
registers, 61 general-purpose registers, and 12 control
and status registers R0-R3, R4-R127 and R241-R255, re-
spectively (Figure 13). General-purpose registers occupy
the 04H to 7FH address space. I/O ports are mapped as
per the existing CMOS Z8. The instructions can access
registers directly or indirectly through an 8-bit address
field. This allows short 4-bit register addressing using the
Register Pointer. In the 4-bit mode, the register file is divid-
ed into eight working register groups, each occupying 16
continuous locations. The Register Pointer (Figure 14) ad-
dresses the starting location of the active working-register
group.
Figure 12. Program Memory Map
12
11
10
9
8
7
6
5
4
3
2
1
0
On-Chip
ROM
Location of
First Byte of
Instruction
Executed
After RESET
Interrupt
Vector
(Lower Byte)
Interrupt
Vector
(Upper Byte)
IRQ5
IRQ4
IRQ4
IRQ3
IRQ3
IRQ2
IRQ2
IRQ1
IRQ1
IRQ0
IRQ0
IRQ5
1024
Figure 13. Register File
SPL
Stack Pointer (Bits 7-0)
Reserved
Register Pointer
Program Control Flags
Interrupt Mask Register
Interrupt Request Register
Interrupt Priority Register
Ports 0-1 Mode
Port 3 Mode
Port 2 Mode
To Prescaler
Timer/Counter0
T1 Prescaler
Timer/Counter1
Timer Mode
Not Implemented
General Purpose
Registers
Port 3
Port 2
Reserved
Port 0
RP
IMR
IRQ
IPR
P3M
P2M
PRE0
T0
PRE1
T1
TMR
P3
P2
P1
P0
P01M
Flags
Indentifiers
Location
255
254
253
252
251
250
249
248
247
246
245
244
243
242
241
240
4
3
2
1
0
128
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com