Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 32 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 32 Page - Zilog, Inc.

Back Button Z86L02 Datasheet HTML 28Page - Zilog, Inc. Z86L02 Datasheet HTML 29Page - Zilog, Inc. Z86L02 Datasheet HTML 30Page - Zilog, Inc. Z86L02 Datasheet HTML 31Page - Zilog, Inc. Z86L02 Datasheet HTML 32Page - Zilog, Inc. Z86L02 Datasheet HTML 33Page - Zilog, Inc. Z86L02 Datasheet HTML 34Page - Zilog, Inc. Z86L02 Datasheet HTML 35Page - Zilog, Inc. Z86L02 Datasheet HTML 36Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Z86C02/E02/L02
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
Zilog
32
P R E L I M I N A R Y
DS96DZ80301
FUNCTIONAL DESCRIPTION (Continued)
Figure 24. Z86E02 Programming Algorithm
Start
Vcc = 6.4V
Vpp
= 13.0V
N = 0
Program
1 ms Pulse
Increment N
N = 25 ?
Yes
No
Verify
One Byte
Pass
Fail
Prog. One Pulse
3xN ms Duration
Verify Byte
Fail
Pass
Increment
Address
Last Addr ?
Yes
No
Vcc = Vpp = 5.0V
Verify All
Bytes
Device Failed
Addr =
First Location
Fail
Pass
Device Passed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com