Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z86L02 Datasheet HTML 1Page - Zilog, Inc. Z86L02 Datasheet HTML 2Page - Zilog, Inc. Z86L02 Datasheet HTML 3Page - Zilog, Inc. Z86L02 Datasheet HTML 4Page - Zilog, Inc. Z86L02 Datasheet HTML 5Page - Zilog, Inc. Z86L02 Datasheet HTML 6Page - Zilog, Inc. Z86L02 Datasheet HTML 7Page - Zilog, Inc. Z86L02 Datasheet HTML 8Page - Zilog, Inc. Z86L02 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Z86C02/E02/L02
Zilog
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
DS96DZ80301
P R E L I M I N A R Y
5
1
ABSOLUTE MAXIMUM RATINGS
Notes:
Stresses greater than those listed under Absolute
Maximum Ratings may cause permanent damage to the
device. This is a stress rating only; functional operation of
the device at any condition above those indicated in the
operational sections of these specifications is not implied.
Exposure to absolute maximum rating conditions for an
extended period may affect device reliability.
Total power dissipation should not exceed 462 mW for the
package. Power dissipation is calculated as follows:
1.
This applies to all pins except where otherwise noted.
2.
Maximum current into pin must be
±600µA.
There is no input protection diode from pin to VDD.
3.
This excludes Pin 6 and Pin 7.
4.
Device pin is not at an output Low state.
Total Power dissipation = VDD x [IDD – (sum of IOH)] + sum of [(VDD – VOH) x IOH] + sum of (V0L x I0L)
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to
Ground. Positive current flows into the referenced pin (Fig-
ure 6).
CAPACITANCE
TA = 25°C, VCC = GND = 0V, f = 1.0 MHz, unmeasured pins returned to GND.
Parameter
Min
Max
Units
Ambient Temperature under Bias
–40
+105
C
Storage Temperature
–65
+150
C
Voltage on any Pin with Respect to VSS [Note 1]
–0.7
+12
V
Voltage on VDD Pin with Respect to VSS
–0.3
+7
V
Voltage on Pin 7 with Respect to VSS [Note 2] (Z86C02/L02)
–0.7
VDD+1
V
Voltage on Pin 7,8,9,10 with Respect to VSS [Note 2] (Z86E02)
–0.7
VDD+1
V
Total Power Dissipation
462
mW
Maximum Allowed Current out of VSS
300
mA
Maximum Allowed Current into VDD
270
mA
Maximum Allowed Current into an Input Pin [Note 3]
–600
+600
µA
Maximum Allowed Current into an Open-Drain Pin [Note 4]
–600
+600
µA
Maximum Allowed Output Current Sinked by Any I/O Pin
20
mA
Maximum Allowed Output Current Sourced by Any I/O Pin
20
mA
Maximum Allowed Output Current Sinked by Port 2, Port 0
80
mA
Maximum Allowed Output Current Sourced by Port 2, Port 0
80
mA
Figure 6. Test Load Diagram
From Output
Under Test
150 pF
Parameter
Min
Max
Input capacitance
0
15 pF
Output capacitance
0
20 pF
I/O capacitance
0
25 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com