Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z86L02 Datasheet HTML 17Page - Zilog, Inc. Z86L02 Datasheet HTML 18Page - Zilog, Inc. Z86L02 Datasheet HTML 19Page - Zilog, Inc. Z86L02 Datasheet HTML 20Page - Zilog, Inc. Z86L02 Datasheet HTML 21Page - Zilog, Inc. Z86L02 Datasheet HTML 22Page - Zilog, Inc. Z86L02 Datasheet HTML 23Page - Zilog, Inc. Z86L02 Datasheet HTML 24Page - Zilog, Inc. Z86L02 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Z86C02/E02/L02
Zilog
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
DS96DZ80301
P R E L I M I N A R Y
21
1
Stack Pointer. The Z8 has an 8-bit Stack Pointer (R255)
used for the internal stack that resides within the 60 gen-
eral-purpose registers. It is set to 00Hex after any reset.
General-Purpose Registers (GPR). These registers are
undefined after the device is powered up. The registers
keep their last value after any reset, as long as the reset
occurs in the VCC voltage-specified operating range. Note:
Register R254 has been designated as a general-purpose
register. But is set to 00Hex after any reset.
Counter/Timer.
There
is
an
8-bit
programmable
counter/timers (T1), each driven by its 6-bit programmable
prescaler. The T1 prescaler is driven by internal or external
clock sources. (Figure 15).
The 6-bit prescaler divide the input frequency of the clock
source by any integer number from 1 to 64. The prescaler
drives its counter, which decrements the value (1 to 256)
that has been loaded into the counter. When both counter
and prescaler reach the end of count, a timer interrupt re-
quest IRQ5 (T1) is generated.
The counter can be programmed to start, stop, restart to
continue, or restart from the initial value. The counters are
also programmed to stop upon reaching zero (Single-Pass
mode) or to automatically reload the initial value and con-
tinue counting (Modulo-N Continuous Mode).
The counter, but not the prescaler, is read at any time with-
out disturbing its value or count mode. The clock source for
T1 is user-definable and is either the internal microproces-
sor clock divided by four, or an external signal input
through Port 3. The Timer Mode register configures the ex-
ternal timer input (P31) as an external clock, a trigger input
that is retriggerable or non-retriggerable, or used as a gate
input for the internal clock.
Figure 14. Register Pointer
The upper nibble of the register file address
provided by the register pointer specifies
the active working-register group.
r7
r6
r5
r4
R253
(Register Pointer)
I/O Ports
Specified Working
Register Group
The lower nibble
of the register
file address
provided by the
instruction points
to the specified
register.
r3
r2
r1
r0
Register Group 1
Register Group 0
R15 to R0
Register Group F
R15 to R4
R3 to R0
R15 to R0
FF
F0
0F
00
1F
10
2F
20
3F
30
4F
40
5F
50
6F
60
7F
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com