Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 3 Page - Zilog, Inc.

  Z86L02 Datasheet HTML 1Page - Zilog, Inc. Z86L02 Datasheet HTML 2Page - Zilog, Inc. Z86L02 Datasheet HTML 3Page - Zilog, Inc. Z86L02 Datasheet HTML 4Page - Zilog, Inc. Z86L02 Datasheet HTML 5Page - Zilog, Inc. Z86L02 Datasheet HTML 6Page - Zilog, Inc. Z86L02 Datasheet HTML 7Page - Zilog, Inc. Z86L02 Datasheet HTML 8Page - Zilog, Inc. Z86L02 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Z86C02/E02/L02
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
Zilog
3
P R E L I M I N A R Y
DS96DZ80301
GENERAL DESCRIPTION (Continued)
PIN DESCRIPTIONS
Figure 2. EPROM Programming Mode Block Diagram
Z8 MCU
Address
Counter
Option Bits
EPROM
PGM
Mode Logic
D7-D0
D7-D0
D7-D0
A10-A0
A10-A0
A10-A0
3 Bits
Clear
P00
Clock
P01
EPM
P32
/CE
XT1
/PGM
P02
VPP
P33
/OE
P31
Figure 3. 18-Pin Standard Mode Configuration
1
2
9
3
4
5
6
7
8
18
17
16
15
14
13
12
11
10
P23
P22
P33
P21
P20
GND
P02
P01
P00
P24
P25
P32
P26
P27
Vcc
XTAL2
XTAL1
P31
Standard Mode
Table 1. 18-Pin Standard Mode Identification
Pin #
Symbol
Function
Direction
1-4
P24-P27
Port 2, Pins 4, 5, 6, 7
In/Output
5VCC
Power Supply
6
XTAL2
Crystal Oscillator
Clock
Output
7
XTAL1
Crystal Oscillator
Clock
Input
8
P31
Port 3, Pin 1, AN1
Input
9
P32
Port 3, Pin 2, AN2
Input
10
P33
Port 3, Pin 3, REF
Input
11-13
P00-P02
Port 0, Pins 0, 1, 2
In/Output
14
GND
Ground
15-18
P20-P23
Port 2, Pins 0, 1, 2, 3
In/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com