Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 23 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 23 Page - Zilog, Inc.

Back Button Z86L02 Datasheet HTML 19Page - Zilog, Inc. Z86L02 Datasheet HTML 20Page - Zilog, Inc. Z86L02 Datasheet HTML 21Page - Zilog, Inc. Z86L02 Datasheet HTML 22Page - Zilog, Inc. Z86L02 Datasheet HTML 23Page - Zilog, Inc. Z86L02 Datasheet HTML 24Page - Zilog, Inc. Z86L02 Datasheet HTML 25Page - Zilog, Inc. Z86L02 Datasheet HTML 26Page - Zilog, Inc. Z86L02 Datasheet HTML 27Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Z86C02/E02/L02
Zilog
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
DS96DZ80301
P R E L I M I N A R Y
23
1
Clock. The Z8 on-chip oscillator has a high-gain, parallel-
resonant amplifier for connection to a crystal, ceramic res-
onator, or any suitable external clock source (XTAL1 = IN-
PUT, XTAL2 = OUTPUT). The crystal should be AT cut,
8 MHz max, with a series resistance (RS) of less than or
equal to 100 Ohms.
The crystal or ceramic resonator should be connected
across XTAL1 and XTAL2 using the vendors crystal or ce-
ramic resonator recommended capacitors from each pin
directly to device ground pin 14 (Figure 17). Note that the
crystal capacitor loads should be connected to VSS, Pin 14
to reduce Ground noise injection.
Figure 16. Interrupt Block Diagram
IRQ0 - IRQ5
IRQ
IMR
IPR
Priority
Logic
5
Global
Interrupt
Enable
Vector Select
Interrupt
Request
Figure 17. Oscillator Configuration
XTAL1
XTAL2
C1
C2
C1
C2
Ceramic
Resonator
or Crystal
External Clock
L
LC Clock
XTAL1
XTAL2
XTAL1
XTAL2
**
*
=Device Ground Pin
XTAL1
XTAL2
R
RC Clock
Vss *
Vss *
C
Vss *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com