Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z86L02 Datasheet HTML 4Page - Zilog, Inc. Z86L02 Datasheet HTML 5Page - Zilog, Inc. Z86L02 Datasheet HTML 6Page - Zilog, Inc. Z86L02 Datasheet HTML 7Page - Zilog, Inc. Z86L02 Datasheet HTML 8Page - Zilog, Inc. Z86L02 Datasheet HTML 9Page - Zilog, Inc. Z86L02 Datasheet HTML 10Page - Zilog, Inc. Z86L02 Datasheet HTML 11Page - Zilog, Inc. Z86L02 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Z86C02/E02/L02
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
Zilog
8
P R E L I M I N A R Y
DS96DZ80301
DC CHARACTERISTICS
Z86L02
TA = 0°C to +70°C
Typical
Sym.
Parameter
VCC [4]
Min
Max
@ 25
°C
Units
Conditions
Notes
VCH
Clock Input High
Voltage
2.0V
0.9 VCC
VCC+0.3
V
Driven by External
Clock Generator
3.9V
0.9 VCC
VCC+0.3
V
Driven by External
Clock Generator
VCL
Clock Input Low
Voltage
2.0V
VSS–0.3
0.1 VCC
V
Driven by External
Clock Generator
3.9V
VSS–0.3
0.1 VCC
V
Driven by External
Clock Generator
VIH
Input High Voltage
2.0V
0.9 VCC
VCC+0.3
V
[1]
3.9V
0.9 VCC
VCC+0.3
V
[1]
VIL
Input Low Voltage
2.0V
VSS–0.3
0.1 VCC
V
[1]
3.9V
VSS–0.3
0.1 VCC
V
[1]
VOH
Output High Voltage
2.0V
VCC–0.4
3.0
V
IOH = – 500 µA
[5]
3.9V
VCC–0.4
3.0
V
IOH = –500 µA
[5]
VOL1
Output Low Voltage
2.0V
0.8
0.2
V
IOL = +1.0 mA
[5]
3.9V
0.4
0.1
V
IOL = +1.0 mA
[5]
VOL2
Output Low Voltage
2.0V
1.0
0.8
V
IOL = + 3.0 mA
[5]
3.9V
0.8
0.3
V
IOL = + 3.0 mA
[5]
VOFFSET
Comparator Input
Offset Voltage
2.0V
25
10
mV
3.9V
25
10
mV
VLV
VCC Low Voltage
Auto Reset
1.4
2.15
V
IIL
Input Leakage
(Input Bias Current
of Comparator)
2.0V
–1.0
1.0
µAV
IN = 0V, VCC
3.9V
–1.0
1.0
µAV
IN = 0V, VCC
IOL
Output Leakage
2.0V
–1.0
1.0
µA V
IN = 0V, V
CC
3.9V
–1.0
1.0
µAV
IN = 0V, VCC
VVICR
Comparator Input
Common Mode
Voltage Range
VSS –0.3
VCC –1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com