Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 36 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 36 Page - Zilog, Inc.

Back Button Z86L02 Datasheet HTML 29Page - Zilog, Inc. Z86L02 Datasheet HTML 30Page - Zilog, Inc. Z86L02 Datasheet HTML 31Page - Zilog, Inc. Z86L02 Datasheet HTML 32Page - Zilog, Inc. Z86L02 Datasheet HTML 33Page - Zilog, Inc. Z86L02 Datasheet HTML 34Page - Zilog, Inc. Z86L02 Datasheet HTML 35Page - Zilog, Inc. Z86L02 Datasheet HTML 36Page - Zilog, Inc. Z86L02 Datasheet HTML 37Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Z86C02/E02/L02
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
Zilog
36
P R E L I M I N A R Y
DS96DZ80301
ORDERING INFORMATION
For fast results, contact your local Zilog sales office for assistance in ordering the part(s) desired.
CODES
Preferred Package
P = Plastic DIP
Longer Lead Time
S = SOIC
Preferred Temperature
S = 0
°C to +70°C
E = –40
°C to +105°C
Speed
08 = 8 MHz
Environmental
C = Plastic Standard
Standard Temperature
18-Pin DIP
18-Pin SOIC
Z86E0208PSC
Z86E0208SSC
Z86L0208PSC
Z86L0208SSC
Z86C0208PSC
Z86C0208SSC
Z86E0208PSC1903
Z86E0208SSC1903
Extended Temperature
18-Pin DIP
18-Pin SOIC
Z86E0208PEC
Z86E0208SEC
Z86L0208PEC
Z86L0208SEC
Z86C0208PEC
Z86C0208SEC
Z86E0208PEC1903
Z86E0208SEC1903
Example:
Z 86E08 08 P S C
is a Z86E08, 08 MHz, DIP, 0
° to +70°C, Plastic Standard Flow
Environmental Flow
Temperature
Package
Speed
Product Number
Zilog Prefix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com