Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 16 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 16 Page - Zilog, Inc.

Back Button Z86L02 Datasheet HTML 12Page - Zilog, Inc. Z86L02 Datasheet HTML 13Page - Zilog, Inc. Z86L02 Datasheet HTML 14Page - Zilog, Inc. Z86L02 Datasheet HTML 15Page - Zilog, Inc. Z86L02 Datasheet HTML 16Page - Zilog, Inc. Z86L02 Datasheet HTML 17Page - Zilog, Inc. Z86L02 Datasheet HTML 18Page - Zilog, Inc. Z86L02 Datasheet HTML 19Page - Zilog, Inc. Z86L02 Datasheet HTML 20Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Z86C02/E02/L02
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
Zilog
16
P R E L I M I N A R Y
DS96DZ80301
PIN FUNCTIONS (Continued)
XTAL1, XTAL2 Crystal In, Crystal Out (time-based input
and output, respectively). These pins connect a parallel-
resonant crystal, LC, RC, or an external single-phase
clock (8 MHz max) to the on-chip clock oscillator and buff-
er.
Port 0, P02-P00. Port 0 is a 3-bit bi-directional, Schmitt-
triggered CMOS compatible I/O port. These three I/O lines
can be globally configured under software control to be in-
puts or outputs (Figure 8).
Auto Latch. The Auto Latch puts valid CMOS levels on all
CMOS inputs (except P33, P32, P31) that are not external-
ly driven. A valid CMOS level, rather than a floating node,
reduces excessive supply current flow in the input buffer.
On Power-up and Reset, the Auto Latch will set the ports
to an undetermined state of 0 or 1. Default condition is
Auto Latches enabled.
Figure 8. Port 0 Configuration
Open
Out
In
1.5
2.3 Hysteresis
PAD
Port 0 (I/O)
Z8
Auto Latch Option
R
500 k
Ω
VCC @ 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com