Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 18 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 18 Page - Zilog, Inc.

Back Button Z86L02 Datasheet HTML 14Page - Zilog, Inc. Z86L02 Datasheet HTML 15Page - Zilog, Inc. Z86L02 Datasheet HTML 16Page - Zilog, Inc. Z86L02 Datasheet HTML 17Page - Zilog, Inc. Z86L02 Datasheet HTML 18Page - Zilog, Inc. Z86L02 Datasheet HTML 19Page - Zilog, Inc. Z86L02 Datasheet HTML 20Page - Zilog, Inc. Z86L02 Datasheet HTML 21Page - Zilog, Inc. Z86L02 Datasheet HTML 22Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Z86C02/E02/L02
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
Zilog
18
P R E L I M I N A R Y
DS96DZ80301
PIN FUNCTIONS (Continued)
Port 3, P33-P31. Port 3 is a 3-bit, CMOS compatible port
with three fixed input (P33-P31) lines. These three input
lines can be configured under software control as digital
Schmitt-trigger inputs or analog inputs.
These three input lines are also used as the interrupt
sources IRQ0-IRQ3 and as the timer input signal TIN (Fig-
ure 10).
Comparator Inputs. Two analog comparators are added
to input of Port 3, P31 and P32, for interface flexibility. The
comparators reference voltage P33 (REF) is common to
both comparators.
Typical applications for the on-board comparators; Zero
crossing detection, A/D conversion, voltage scaling, and
threshold detection. In analog mode, P33 input functions
serve as a reference voltage to the comparators.
The dual comparator (common inverting terminal) features
a single power supply which discontinues power in STOP
mode. The common voltage range is 0-4 V when the VCC
is 5.0 V; the power supply and common mode rejection ra-
tios are 90 dB and 60 dB, respectively.
Interrupts are generated on either edge of Comparator 2's
output, or on the falling edge of Comparator 1's output.
The comparator output is used for interrupt generation,
Port 3 data inputs, or TIN through P31. Alternatively, the
comparators can be disabled, freeing the reference input
(P33) for use as IRQ1 and/or P33 input.
Figure 10. Port 3 Configuration
Port 3
Z8
D1
R247 = P3M
P31 (AN1)
P32 (AN2)
P33 (REF)
cc
DIG.
AN.
+
-
+
-
V
TIN
P31 Data Latch
IRQ2
IRQ3
P32 Data Latch
IRQ0
P33 Data Latch
IRQ1
PAD
PAD
PAD
0 = Digital
1 = Analog
IRQ 0,1,2 = Falling Edge Detection
IRQ3
= Rising Edge Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com