Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 25 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 25 Page - Zilog, Inc.

Back Button Z86L02 Datasheet HTML 21Page - Zilog, Inc. Z86L02 Datasheet HTML 22Page - Zilog, Inc. Z86L02 Datasheet HTML 23Page - Zilog, Inc. Z86L02 Datasheet HTML 24Page - Zilog, Inc. Z86L02 Datasheet HTML 25Page - Zilog, Inc. Z86L02 Datasheet HTML 26Page - Zilog, Inc. Z86L02 Datasheet HTML 27Page - Zilog, Inc. Z86L02 Datasheet HTML 28Page - Zilog, Inc. Z86L02 Datasheet HTML 29Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Z86C02/E02/L02
Zilog
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
DS96DZ80301
P R E L I M I N A R Y
25
1
Options
The Z86C02/E02/L02 offers ROM protect, Low Noise,
Auto Latch Disable, RC Oscillator, and Permanent WDT
enable features as options. The Z86E02 must be power
cycled to fully implement the selected option after pro-
gramming.
Low Noise. The Z8 can operate in a low EMI emission
mode by selecting the low noise option. Use of this feature
will result in:
s
All drivers slew rates are reduced to 10 ns (typical).
s
Internal SCLK/TCLK = XTAL operation is limited to a
maximum of 4 MHz - 250 ns cycle time.
s
Output drivers have resistances of 200 ohms (typical).
s
Oscillator divide-by-two circuitry is eliminated.
ROM Protect. ROM Protect fully protects the Z8 ROM
code from being read externally. When ROM Protect is se-
lected, the instructions LDC and LDCI are supported.
(However, instructions LDE and LDEI are not supported.)
EPROM/TEST MODE Disable. When selected, this bit will
permanently disable EPROM and Factory Test mode.
Auto Latch Disable. Auto Latch Disable option when Se-
lected will globally disable all Auto Latches.
RC. RC Oscillator option when selected will allow using a
resistor (R) and a capacitor (C) as a clock source.
WDT Enable. WDT Enable option bit when selected will
have the WDT permanently enabled in all modes and can
not be stopped in HALT or STOP Mode.
EPROM Mode Description. In addition to VDD and GND
(VSS), the Z8 changes all its pin functions in the EPROM
mode. XTAL2 has no function, XTAL1 functions as /CE,
P31 functions as /OE, P32 functions as EPM, P33 func-
tions as VPP, and P02 functions as /PGM.
Please note that when using the device in a noisy environ-
ment, it is suggested that the voltages on the EPM and CE
pins be clamped to VCC through a diode to VCC to prevent
accidentally entering the OTP mode. The VPP requires
both a diode and a 100 pF capacitor.
User Modes. Table 6 shows the programming voltage of
each mode of Z86E02.
Figure 18. Typical Auto Reset Voltage (VLV) vs. Temperature
2.6
2.7
2.8
2.9
3.0
3.2
Vcc
(Volts)
–40
°C
40
°C
Temp
2.5
–20
°C0°C20°C
60
°C80°C
100
°C
3.1
1.8
1.9
2.0
2.1
2.2
2.4
1.7
2.3
1.6
Z86E02
Z86L02
Z86C02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com