Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 33 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 33 Page - Zilog, Inc.

Back Button Z86L02 Datasheet HTML 29Page - Zilog, Inc. Z86L02 Datasheet HTML 30Page - Zilog, Inc. Z86L02 Datasheet HTML 31Page - Zilog, Inc. Z86L02 Datasheet HTML 32Page - Zilog, Inc. Z86L02 Datasheet HTML 33Page - Zilog, Inc. Z86L02 Datasheet HTML 34Page - Zilog, Inc. Z86L02 Datasheet HTML 35Page - Zilog, Inc. Z86L02 Datasheet HTML 36Page - Zilog, Inc. Z86L02 Datasheet HTML 37Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
Z86C02/E02/L02
Zilog
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
DS96DZ80301
P R E L I M I N A R Y
33
1
Z8 CONTROL REGISTERS
Figure 25. Timer Mode Register (F1H: Read/Write)
Figure 26. Counter Timer 1 Register (f2H:Read/Write)
Figure 27. Prescaler! Register (F3H: Write Only)
Figure 28. Port 2 Mode Register (F6H: Write Only)
D7
D6
D5
D4
D3
D2
D1
D0
0 Disable T Count
1 Enable T Count
Reserved
(Must be 0)
0
0
0 No Function
1 Load T 1
0 Disable T Count
1 Enable T Count
1
1
T
Modes
00 External Clock Input
01 Gate Input
10 Trigger Input
(Non-retriggerable)
11 Trigger Input
(Retriggerable)
IN
R241 TMR
Reserved (Must be 0.)
D7
D6
D5
D4
D3
D2
D1
D0
T Initial Value
(When Written)
(Range 1-256 Decimal
01-00 HEX)
T Current Value
(When READ)
1
1
R242 T1
D7
D6
D5
D4
D3
D2
D1
D0
Count Mode
0 = T
Single Pass
1 = T
Modulo N
1
1
Clock Source
1 = T Internal
0 = T External Timing Input
(T
) Mode
IN
1
1
Prescaler Modulo
(Range: 1-64 Decimal
01-00 HEX)
R243 PRE1
D7
D6
D5
D4
D3
D2
D1
D0
P2
- P2
I/O Definition
0 Defines Bit as OUTPUT
1 Defines Bit as INPUT
70
R246 P2M
Figure 29. Port 3 Mode Register (F7H: Write Only)
Figure 30. Port 0 and 1 Mode Register
(F8H: Write Only)
Figure 31. Interrupt Priority Register
(F9H: Write Only)
D7
D6
D5
D4
D3
D2
D1
D0
0 Port 2 Open-Drain
1 Port 2 Push-pull
Port 3 Inputs
0 Digital Mode
1 Analog Mode
Reserved (Must be 0)
R247 P3M
D7
D6
D5
D4
D3
D2
D1
D0
P03-P00 Mode
00 = Output
01 = Input
Reserved (Must be 1.)
R248 P01M
Reserved (Must be 0.)
D7
D6
D5
D4
D3
D2
D1
D0
Interrupt Group Priority
000 Reserved
001 C > A > B
010 A > B > C
011 A > C > B
100 B > C > A
101 C > B > A
110 B > A > C
111 Reserved
IRQ3, IRQ5 Priority (Group A)
0 IRQ5 > IRQ3
1 IRQ3 > IRQ5
IRQ0, IRQ2 Priority (Group B)
0 IRQ2 > IRQ0
1 IRQ0 > IRQ2
IRQ1, IRQ4 Priority (Group C)
0 IRQ1 > IRQ4
1 IRQ4 > IRQ1
Reserved (Must be 0.)
R249 IPR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com