Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 15 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 15 Page - Zilog, Inc.

Back Button Z86L02 Datasheet HTML 11Page - Zilog, Inc. Z86L02 Datasheet HTML 12Page - Zilog, Inc. Z86L02 Datasheet HTML 13Page - Zilog, Inc. Z86L02 Datasheet HTML 14Page - Zilog, Inc. Z86L02 Datasheet HTML 15Page - Zilog, Inc. Z86L02 Datasheet HTML 16Page - Zilog, Inc. Z86L02 Datasheet HTML 17Page - Zilog, Inc. Z86L02 Datasheet HTML 18Page - Zilog, Inc. Z86L02 Datasheet HTML 19Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Z86C02/E02/L02
Zilog
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
DS96DZ80301
P R E L I M I N A R Y
15
1
LOW NOISE VERSION
Low EMI Emission
The Z8 can be programmed to operate in a Low EMI emis-
sion mode by means of a mask ROM bit option (Z86C02)
or OTP bit option (Z86E02). Use of this feature results in:
s
All pre-driver slew rates reduced to 10 ns typical.
s
Internal SCLK/TCLK operation limited to a maximum of
4 MHz - 250 ns cycle time.
s
Output drivers have resistances of 200 ohms (typical).
s
Oscillator divide-by-two circuitry eliminated.
The Low EMI mode is mask-programmable to be selected
by the customer at the time the ROM Code is submitted
(for Z86C02 only).
PRECAUTION
Stack pointer register (SPL) at FFHex and general purpose register at FEHex are set to 00Hex after reset.
PIN FUNCTIONS
OTP Programming Mode
D7-D0 Data Bus. Data can be read from, or written to the
EPROM through this data bus.
VCC Power Supply. It is 5V during EPROM Read Mode
and 6.4V during the other modes (Program, Program Ver-
ify, etc.).
/CE Chip Enable (active Low). This pin is active during
EPROM Read Mode, Program Mode, and Program Verify
Mode.
/OE Output Enable (active Low). This pin drives the Data
Bus direction. When this pin is Low, the Data Bus is output.
When High, the Data Bus is input. This pin must toggle for
each data output read.
EPM EPROM Program Mode. This pin controls the differ-
ent EPROM Program Modes by applying different
voltages.
VPP Program Voltage. This pin supplies the program volt-
age.
Clear Clear (active High). This pin resets the internal ad-
dress counter at the High Level.
Clock Address Clock. This pin is a clock input. The internal
address counter increases by one with one clock cycle.
/PGM Program Mode (active Low). A Low level at this pin
programs the data to the EPROM through the Data Bus.
Application Precaution
The production test-mode environment may be enabled
accidentally during normal operation if excessive noise
surges above VCC occur on the XTAL1 pin.
In addition, processor operation of Z8 OTP devices may be
affected by excessive noise surges on the VPP, /CE,
/EPM, /OE pins while the microcontroller is in Standard
Mode.
Recommendations for dampening voltage surges in both
test and OTP mode include the following:
s
Using a clamping diode to VCC.
s
Adding a capacitor to the affected pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com