Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z86L02 Datasheet HTML 7Page - Zilog, Inc. Z86L02 Datasheet HTML 8Page - Zilog, Inc. Z86L02 Datasheet HTML 9Page - Zilog, Inc. Z86L02 Datasheet HTML 10Page - Zilog, Inc. Z86L02 Datasheet HTML 11Page - Zilog, Inc. Z86L02 Datasheet HTML 12Page - Zilog, Inc. Z86L02 Datasheet HTML 13Page - Zilog, Inc. Z86L02 Datasheet HTML 14Page - Zilog, Inc. Z86L02 Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Z86C02/E02/L02
Zilog
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
DS96DZ80301
P R E L I M I N A R Y
11
1
TA = –40°C to +105°C
TA = 0°C to +70°C
Typical
Sym. Parameter
VCC [4]
Min
Max
@ 25
°C
Units
Conditions
Notes
ICC Supply Current
4.5V
9.0
3.8
mA
@ 2 MHz
[5,6]
5.5V
9.0
3.8
mA
@ 2 MHz
[5,6]
4.5V
15.0
4.4
mA
@ 8 MHz
[5,6]
5.5V
15.0
4.4
mA
@ 1 MHz
[5,6]
ICC1 Standby Current (HALT mode)
4.5V
4.0
2.5
mA
@ 2 MHz
[5,6]
5.5V
4.0
2.5
mA
@ 2 MHz
[5,6]
4.5V
5.0
3.0
mA
@ 4 MHz
[5,6]
5.5V
5.0
3.0
mA
@ 4 MHz
[5,6]
ICC Supply Current (Low Noise
Mode)
4.5V
9.0
3.8
mA
[6]
5.5V
9.0
3.8
mA
[6]
4.5V
11.0
4.0
mA
@ 2 MHz
[6]
5.5V
11.0
4.0
mA
@ 2 MHz
[6]
4.5V
15.0
4.4
mA
@ 4 MHz
[6]
5.5V
15.0
4.4
mA
@ 4 MHz
[6]
ICC1 Standby Current (Low Noise
Halt Mode)
4.5V
4.0
2.5
mA
@ 1 MHz
[6,7,8]
5.5V
4.0
2.5
mA
@ 1 MHz
[6,7,8]
4.5V
4.5
2.7
mA
@ 2 MHz
[6,7,8]
5.5V
4.5
2.7
mA
@ 2 MHz
[6,7,8]
4.5V
5.0
3.0
mA
@ 4 MHz
[6,7,8]
5.5V
5.0
3.0
mA
@ 4 MHz
[6,7,8]
ICC2 Standby Current (Stop Mode)
4.5V
10
1.0
µA
[6,7,9]
4.5V
20
1.0
µA
[6,7,10]
5.5V
10
1.0
µA
[6,7,9]
5.5V
20
1.0
µA
6,7,10]
IALL Auto Latch Low Current
4.5V
32
16
µA
0V <VIN<VCC
5.5V
32
16
µA
0V <VIN<VCC
ALH
Auto Latch High
4.5V
–16
-8.0
µA
0V <VIN<VCC
5.5V
–16
–8.0
µA
0V <VIN<VCC
Notes:
1. Port 0, 2, and 3 only.
2. VSS = 0V = GND.
3. The device operates down to VLV of the specified frequency for VLV. The minimum operational VCC is determined by the value of
the voltage VLV at the ambient temperature.
4. The VLV increases as the temperature decreases.
5. VCC = 4.5V to 5.5V, typical values measured at VCC = 5.0V.
6. Standard mode (not Low EMI mode).
7. Inputs at VCC or VSS, outputs unloaded.
8. WDT not running.
9. Halt mode and Low EMI mode.
10. TA= 0˚C to 70˚C.TA= –40˚C to 105˚C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com