Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z86L02 Datasheet HTML 5Page - Zilog, Inc. Z86L02 Datasheet HTML 6Page - Zilog, Inc. Z86L02 Datasheet HTML 7Page - Zilog, Inc. Z86L02 Datasheet HTML 8Page - Zilog, Inc. Z86L02 Datasheet HTML 9Page - Zilog, Inc. Z86L02 Datasheet HTML 10Page - Zilog, Inc. Z86L02 Datasheet HTML 11Page - Zilog, Inc. Z86L02 Datasheet HTML 12Page - Zilog, Inc. Z86L02 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Z86C02/E02/L02
Zilog
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
DS96DZ80301
P R E L I M I N A R Y
9
1
TA = 0°C to +70°C Typical
Sym Parameter
VCC [4]
Min
Max
@ 25
°C Units
Conditions
Notes
ICC
Supply Current
2.0V
3.3
mA
@ 2 MHz
[5,6]
3.9V
6.8
mA
@ 2 MHz
[5,6]
2.0V
6.0
mA
@ 8 MHz
[5,6]
3.9V
9.0
mA
@ 8 MHz
[5,6]
ICC1 Standby Current (Halt Mode)
2.0V
2.3
mA
@ 2 MHz
[5,6,7]
3.9V
3.8
mA
@ 2 MHz
[5,6,7]
2.0V
3.8
mA
@ 8 MHz
[5,6,7]
3.9V
4.8
mA
@ 8 MHz
[5,6,7]
ICC2 Standby Current (Stop Mode)
2.0V
10
1.0
µA
[6,7]
3.9V
10
1.0
µA
[6,7]
IALL Auto Latch Low Current
2.0V
12
3.0
µA
0V < VIN < VCC
3.9V
32
16
µA
0V < VIN < VCC
IALH Auto Latch High Current
2.0V
–8
-1.5
µA
0V < VIN < VCC
3.9V
–16
-8.0
µA
Notes:
1. Port 0, 2, and 3 only
2. VSS = 0V = GND.The device operates down to VLV. The minimum operational VCC is determined by the value of the voltage VLV
at the ambient temperature.
3. VCC = 2.0V to 3.9V, typical values measured at VCC = 3.3 V.
4. Standard Mode (not Low EMI mode).
5. Inputs at VCC or VSS, outputs are unloaded.
6. WDT is not running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com