Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z86L02 Datasheet HTML 1Page - Zilog, Inc. Z86L02 Datasheet HTML 2Page - Zilog, Inc. Z86L02 Datasheet HTML 3Page - Zilog, Inc. Z86L02 Datasheet HTML 4Page - Zilog, Inc. Z86L02 Datasheet HTML 5Page - Zilog, Inc. Z86L02 Datasheet HTML 6Page - Zilog, Inc. Z86L02 Datasheet HTML 7Page - Zilog, Inc. Z86L02 Datasheet HTML 8Page - Zilog, Inc. Z86L02 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
DS96DZ80301
P R E L I M I N A R Y
1
1
PRELIMINARY PRODUCT SPECIFICATION
Z86C02/E02/L02
1
COST EFFECTIVE, 512-BYTE ROM
CMOS Z8® MICROCONTROLLERS
FEATURES
s
18-Pin DIP and SOIC Packages
s
0
°C to 70°C Standard Temperature
–40
°C to 105°C Extended Temperature
(Z86C02/E02 only)
s
3.0V to 5.5V Operating Range (Z86C02)
4.5V to 5.5V Operating Range (Z86E02)
2.0V to 3.9V Operating Range (Z86L02)
s
14 Input / Output Lines
s
Five Vectored, Prioritized Interrupts from Five Different
Sources
s
Two On-Board Comparators
s
Software Enabled Watch-Dog Timer (WDT)
s
Programmable Interrupt Polarity
s
Two Standby Modes: STOP and HALT
s
Low-Voltage Protection
s
ROM Mask/OTP Options:
–
Low-Noise (Z86C02/E02 only)
–
ROM Protect
–
Auto Latch
–
Permanent Watch-Dog Timer (WDT)
–
RC Oscillator (Z86C02/L02 Only)
–
32 KHz Operation (Z86C02/L02 Only)
s
One Programmable 8-Bit Counter/Timer with a 6-Bit
Programmable Prescaler
s
Power-On Reset (POR) Timer
s
On-Chip Oscillator that Accepts RC, Crystal, Ceramic
Resonator, LC, or External Clock Drive (C02/L02 only)
s
On-Chip Oscillator that Accepts RC or External Clock
Drive (Z86E02 SL1903 only)
s
On-Chip Oscillator that Accepts Crystal, Ceramic
Resonator, LC, or External Clock Drive (Z86E02 only)
s
Clock-Free WDT Reset
s
Low-Power Consumption (50mw)
s
Fast Instruction Pointer (1.5
µs @ 8 MHz)
s
Fourteen Digital Inputs at CMOS Levels;
Schmitt-Triggered
GENERAL DESCRIPTION
Zilog's Z86C02/E02/L02 microcontrollers (MCUs) are
members of the Z8® single-chip MCU family, which offer
easy software/hardware system expansion.
For applications demanding powerful I/O capabilities, the
MCU's dedicated input and output lines are grouped into
three ports, and are configurable under software control to
provide timing, status signals, or parallel I/O.
One on-chip counter/timer, with a large number of user-se-
lectable modes, off-load the system of administering real-
time tasks such as counting/timing and I/O data communi-
Device
ROM
(KB)
RAM*
(Bytes)
Speed
(MHz)
Auto
Latch
Permanent
WDT
Z86C02
512
61
8
Optional Optional
Z86E02
512
61
8
Optional Optional
Z86L02
512
61
8
Optional Optional
Note: *General-Purpose


Similar Part No. - Z86L02

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
Z8 8-Bit Cost-Effective Microcontrollers
Z86L0408PSC ZILOG-Z86L0408PSC Datasheet
165Kb / 26P
Z8 8-Bit Cost-Effective Microcontrollers
Z86L0408SSC ZILOG-Z86L0408SSC Datasheet
165Kb / 26P
Z8 8-Bit Cost-Effective Microcontrollers
Z86L08 ZILOG-Z86L08 Datasheet
165Kb / 26P
Z8 8-Bit Cost-Effective Microcontrollers
Z86L0808PSC ZILOG-Z86L0808PSC Datasheet
165Kb / 26P
Z8 8-Bit Cost-Effective Microcontrollers
More results

Similar Description - Z86L02

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM393 ESTEK-LM393 Datasheet
384Kb / 4P
two independent voltage comparators
logo
STMicroelectronics
AN4199 STMICROELECTRONICS-AN4199 Datasheet
2Mb / 23P
Two-layer demonstration board based on the STA333IS
01-Jul-2013
logo
Maxim Integrated Produc...
MAX38902EVKIT MAXIM-MAX38902EVKIT Datasheet
1Mb / 7P
Two Independent Circuits on One Board
Rev 0; 11/17
logo
OSRAM GmbH
GWKAGHB2.EM OSRAM-GWKAGHB2.EM Datasheet
598Kb / 18P
Chip-on-Board
GWKAGHB3.EM OSRAM-GWKAGHB3.EM Datasheet
1Mb / 18P
Chip-on-Board
GW-KAFGB3.CM OSRAM-GW-KAFGB3.CM Datasheet
1Mb / 17P
Chip-on-Board
GW-KAFHB3.EM OSRAM-GW-KAFHB3.EM Datasheet
1Mb / 17P
Chip-on-Board
GW-KAFJB3.DM OSRAM-GW-KAFJB3.DM Datasheet
1Mb / 17P
Chip-on-Board
GW-KAGGB3.CM OSRAM-GW-KAGGB3.CM Datasheet
773Kb / 17P
Chip-on-Board
logo
Maxim Integrated Produc...
MAX25300EVKIT MAXIM-MAX25300EVKIT Datasheet
670Kb / 7P
Two Independent Circuits on One Board
Rev 0; 8/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com