Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 17 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 17 Page - Zilog, Inc.

Back Button Z86L02 Datasheet HTML 13Page - Zilog, Inc. Z86L02 Datasheet HTML 14Page - Zilog, Inc. Z86L02 Datasheet HTML 15Page - Zilog, Inc. Z86L02 Datasheet HTML 16Page - Zilog, Inc. Z86L02 Datasheet HTML 17Page - Zilog, Inc. Z86L02 Datasheet HTML 18Page - Zilog, Inc. Z86L02 Datasheet HTML 19Page - Zilog, Inc. Z86L02 Datasheet HTML 20Page - Zilog, Inc. Z86L02 Datasheet HTML 21Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Z86C02/E02/L02
Zilog
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
DS96DZ80301
P R E L I M I N A R Y
17
1
Port 2, P27-P20. Port 2 is an 8-bit, bit programmable, bi-
directional, Schmitt-triggered CMOS compatible I/O port.
These eight I/O lines can be configured under software
control to be inputs or outputs, independently. Bits pro-
grammed as outputs can be globally programmed as ei-
ther push-pull or open-drain (Figure 9).
Figure 9. Port 2 Configuration
Open-Drain
Open
Out
In
1.5
2.3 Hysteresis
PAD
Port 2 (I/O)
Port 2
Z8
Auto Latch Option
R
500 k
Ω
VCC @ 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com