Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L02 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button Z86L02 Datasheet HTML 10Page - Zilog, Inc. Z86L02 Datasheet HTML 11Page - Zilog, Inc. Z86L02 Datasheet HTML 12Page - Zilog, Inc. Z86L02 Datasheet HTML 13Page - Zilog, Inc. Z86L02 Datasheet HTML 14Page - Zilog, Inc. Z86L02 Datasheet HTML 15Page - Zilog, Inc. Z86L02 Datasheet HTML 16Page - Zilog, Inc. Z86L02 Datasheet HTML 17Page - Zilog, Inc. Z86L02 Datasheet HTML 18Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Z86C02/E02/L02
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
Zilog
14
P R E L I M I N A R Y
DS96DZ80301
AC ELECTRICAL CHARACTERISTICS
Low Noise Mode (Z86C02/E02 Only)
TA = –40°C to +105°C
TA= 0°C to +70°C
1 MHz
4 MHz
No.
Symbol
Parameter
VCC
Min
Max
Min
Max
Units
Notes
1
TPC
Input Clock Period
3.0V
1000
DC
250
DC
ns
[1]
5.5V
1000
DC
250
DC
ns
[1]
2TrC
TfC
Clock Input Rise and Fall Times
3.0V
25
25
ns
[1]
5.5V
25
25
ns
[1]
3
TwC
Input Clock Width
3.0V
500
125
ns
[1]
5.5V
500
125
ns
[1]
4. TwTinL
Timer Input Low Width
3.0V
70
70
ns
[1]
5.5V
70
70
ns
[1]
5
TwTinH
Timer Input High Width
3.0V
2.5TpC
2.5TpC
[1]
5.5V
2.5TpC
2.5TpC
[1]
6
TpTin
Timer Input Period
3.0V
4TpC
4TpC
[1]
5.5V
4TpC
4TpC
[1]
7
TrTin,
TtTin
Timer Input Rise and Fall Time
3.0V
100
100
ns
[1]
5.5V
100
100
ns
[1]
8
TwIL
Int. Request Input Low Time
3.0V
70
70
ns
[1,2,3]
5.5V
70
70
ns
[1,2,3]
9
TwIH
Int. Request Input High Time
3.0V
2.5TpC
2.5TpC
[1,2,3]
5.5V
2.5TpC
2.5TpC
[1,2,3]
10 Tpor
Power-On Reset Time
3.0V
50
150
50
150
ms
[4]
5.5V
10
70
10
70
ms
[4]
2.0V
8
76
8
76
ms
[5]
3.0V
4
38
4
38
ms
[5]
5.5V
2
18
2
18
ms
[5]
11 Twdt
Watch-Dog Timer Delay
3.0V
10
10
ms
5.5V
5
5
ms
Notes:
1. Timing Reference uses 0.7 VCC for a logic 1 and 0.2 VCC for a logic 0.
2. Interrupt request through Port 3 (P33-P31).
3. IRQ 0,1,2 only.
4. Z86E02 only.
5. Z86C02/L02 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com