Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 101 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 101 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 97Page - Cirrus Logic WM8912 Datasheet HTML 98Page - Cirrus Logic WM8912 Datasheet HTML 99Page - Cirrus Logic WM8912 Datasheet HTML 100Page - Cirrus Logic WM8912 Datasheet HTML 101Page - Cirrus Logic WM8912 Datasheet HTML 102Page - Cirrus Logic WM8912 Datasheet HTML 103Page - Cirrus Logic WM8912 Datasheet HTML 104Page - Cirrus Logic WM8912 Datasheet HTML 105Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 129 page
background image
Production Data
WM8912
w
PD, Rev 4.1, February 2013
101
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1001 to 1111 = Reserved
4:0
BCLK_DIV
[4:0]
0_0100
BCLK Frequency (Master Mode)
00000 = SYSCLK
00001 = SYSCLK / 1.5
00010 = SYSCLK / 2
00011 = SYSCLK / 3
00100 = SYSCLK / 4
00101 = SYSCLK / 5
00110 = SYSCLK / 5.5
00111 = SYSCLK / 6
01000 = SYSCLK / 8 (default)
01001 = SYSCLK / 10
01010 = SYSCLK / 11
01011 = SYSCLK / 12
01100 = SYSCLK / 16
01101 = SYSCLK / 20
01110 = SYSCLK / 22
01111 = SYSCLK / 24
10000 = SYSCLK / 25
10001 = SYSCLK / 30
10010 = SYSCLK / 32
10011 = SYSCLK / 44
10100 = SYSCLK / 48
Register 1Ah Audio Interface 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R27 (1Bh)
Audio
Interface 3
11
LRCLK_DIR
0
Audio Interface LRC Direction
0 = LRC is input
1 = LRC is output
10:0
LRCLK_RATE
[10:0]
000_0100_
0000
LRC Rate (Master Mode)
LRC clock output = BCLK / LRCLK_RATE
Integer (LSB = 1)
Valid range: 8 to 2047
Register 1Bh Audio Interface 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30 (1Eh)
DAC Digital
Volume Left
8
DAC_VU
0
DAC Volume Update
Writing a 1 to this bit causes left and right DAC volume
to be updated simultaneously
7:0
DACL_VOL
[7:0]
1100_0000 Left DAC Digital Volume
00h = Mute
01h = -71.625dB
02h = -71.250dB
… (0.375dB steps)
C0h to FFh = 0dB
Register 1Eh DAC Digital Volume Left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com