Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 107 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 107 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 103Page - Cirrus Logic WM8912 Datasheet HTML 104Page - Cirrus Logic WM8912 Datasheet HTML 105Page - Cirrus Logic WM8912 Datasheet HTML 106Page - Cirrus Logic WM8912 Datasheet HTML 107Page - Cirrus Logic WM8912 Datasheet HTML 108Page - Cirrus Logic WM8912 Datasheet HTML 109Page - Cirrus Logic WM8912 Datasheet HTML 110Page - Cirrus Logic WM8912 Datasheet HTML 111Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 129 page
background image
Production Data
WM8912
w
PD, Rev 4.1, February 2013
107
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R59 (3Bh)
Analogue
OUT2 Left
8
LINEOUTL_MU
TE
0
Left Line Output Mute
0 = Un-mute
1 = Mute
7
LINEOUT_VU
0
Line Output Volume Update
Writing a 1 to this bit will update LINEOUTL and
LINEOUTR volumes simultaneously.
6
LINEOUTLZC
0
Left Line Output Zero Cross Enable
0 = disabled
1 = enabled
5:0
LINEOUTL_VO
L [5:0]
11_1001
Left Line Output Volume
000000 = -57dB
000001 = -56dB
(… 1dB steps)
111001 = 0dB
(… 1dB steps)
111110 = +5dB
111111 = +6dB
Register 3Bh Analogue OUT2 Left
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R60 (3Ch)
Analogue
OUT2 Right
8
LINEOUTR_M
UTE
0
Right Line Output Mute
0 = Un-mute
1 = Mute
7
LINEOUT_VU
0
Line Output Volume Update
Writing a 1 to this bit will update LINEOUTL and
LINEOUTR volumes simultaneously.
6
LINEOUTRZC
0
Right Line Output Zero Cross Enable
0 = disabled
1 = enabled
5:0
LINEOUTR_VO
L [5:0]
11_1001
Right Line Output Volume
000000 = -57dB
000001 = -56dB
(… 1dB steps)
111001 = 0dB
(… 1dB steps)
111110 = +5dB
111111 = +6dB
Register 3Ch Analogue OUT2 Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com