Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 121 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 121 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 117Page - Cirrus Logic WM8912 Datasheet HTML 118Page - Cirrus Logic WM8912 Datasheet HTML 119Page - Cirrus Logic WM8912 Datasheet HTML 120Page - Cirrus Logic WM8912 Datasheet HTML 121Page - Cirrus Logic WM8912 Datasheet HTML 122Page - Cirrus Logic WM8912 Datasheet HTML 123Page - Cirrus Logic WM8912 Datasheet HTML 124Page - Cirrus Logic WM8912 Datasheet HTML 125Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 129 page
background image
Production Data
WM8912
w
PD, Rev 4.1, February 2013
121
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R134 (86h)
EQ1
0
EQ_ENA
0
EQ enable
0 = EQ disabled
1 = EQ enabled
Register 86h EQ1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R135 (87h)
EQ2
4:0
EQ_B1_GAIN
[4:0]
0_1100
Gain for EQ band 1
00000 = -12dB
00001 = -11dB
(… 1dB steps)
01100 = 0dB
(… 1dB steps)
11000 = +12dB
11001 to 11111 = reserved
Register 87h EQ2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R136 (88h)
EQ3
4:0
EQ_B2_GAIN
[4:0]
0_1100
Gain for EQ band 2
00000 = -12dB
00001 = -11dB
(… 1dB steps)
01100 = 0dB
(… 1dB steps)
11000 = +12dB
11001 to 11111 = reserved
Register 88h EQ3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R137 (89h)
EQ4
4:0
EQ_B3_GAIN
[4:0]
0_1100
Gain for EQ band 3
00000 = -12dB
00001 = -11dB
(… 1dB steps)
01100 = 0dB
(… 1dB steps)
11000 = +12dB
11001 to 11111 = reserved
Register 89h EQ4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com