Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 168 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 168 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 164Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 165Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 166Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 167Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 168Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 169Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 170Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 171Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 172Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 212 page
background image
168
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
X = Don't care
(2)
Not available on the 64-pin RGC package.
(3)
Setting the PSEL1.x and PSEL0.x bits to 10 disables both the output driver and input Schmitt trigger to prevent leakage when analog
signals are applied.
(4)
Setting P4SEL1.x and P4SEL0.x disables the output driver and the input Schmitt trigger to prevent parasitic cross currents when
applying analog signals.
Table 6-74. Port P4 (P4.0 and P4.1) Pin Functions
PIN NAME (P4.x)
x
FUNCTION
CONTROL BITS OR SIGNALS (1)
P4DIR.x
P4SEL1.x
P4SEL0.x
P4.0/A13/L13 (2)
0
P4.0 (I/O)
I: 0; O: 1
0
0
N/A
0
0
1
DVSS
1
L13 (3)
X
1
0
A13 (4)
X
1
1
P4.1/A12/L12 (2)
1
P4.1 (I/O)
I: 0; O: 1
0
0
N/A
0
0
1
DVSS
1
L12 (3)
X
1
0
A12 (4)
X
1
1
NOTE
Take special care on the pins with ADC and LCD multiplexing to ensure that only one of
these functions is enabled at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com