Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 84 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 84 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 80Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 81Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 82Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 83Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 84Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 85Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 86Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 87Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 212 page
background image
84
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
5.26.9 Comparator_E
Table 5-36 lists the characteristics of the comparator.
Table 5-36. Comparator_E
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC
Supply voltage
1.62
3.7
V
IAVCC_COMP
Comparator operating
supply current into
AVCC, excluding
reference resistor
ladder
CEPWRMD = 00, CEON = 1,
CERSx = 00 (fast)
2.2 V,
3 V
10
15
µA
CEPWRMD = 01, CEON = 1,
CERSx = 00 (medium)
2.2 V,
3 V
8
10
CEPWRMD = 10, CEON = 1,
CERSx = 00 (slow), TA = 30°C
2.2 V,
3 V
0.5
CEPWRMD = 10, CEON = 1,
CERSx = 00 (slow), TA = 85°C
2.2 V,
3 V
0.5
IAVCC_REF
Quiescent current of
resistor ladder into
AVCC, including
REF_A module
current
CEREFACC = 0, CEREFLx = 01,
CERSx = 10, REFON = 0, CEON = 0
2.2 V,
3 V
25
35
µA
CEREFACC = 1, CEREFLx = 01,
CERSx = 10, REFON = 0, CEON = 0
2.2 V,
3 V
10
15
VREF
Reference voltage
level
CERSx = 11, CEREFLx = 01,
CEREFACC = 0
1.62 V
1.17
1.2
1.23
V
CERSx = 11, CEREFLx = 10,
CEREFACC = 0
2.2 V
1.95
2.0
2.05
CERSx = 11, CEREFLx = 11,
CEREFACC = 0
2.7 V
2.40
2.5
2.60
CERSx = 11, CEREFLx = 01,
CEREFACC = 1
1.62 V
1.15
1.2
1.23
CERSx = 11, CEREFLx = 10,
CEREFACC = 1
2.2 V
1.92
2.0
2.05
CERSx = 11, CEREFLx = 11,
CEREFACC = 1
2.7 V
2.4
2.5
2.6
VIC
Common-mode input
range
0
VCC–1
V
VOFFSET
Input offset voltage
CEPWRMD = 00
–10
+10
mV
CEPWRMD = 01
–20
+20
CEPWRMD = 10
–20
+20
CIN
Input capacitance
CEPWRMD = 00 or CEPWRMD = 01
8
pF
CEPWRMD = 10
8
RSIN
Series input
resistance
On (switch closed)
2
4
k
Ω
Off (switch open)
50
M
Ω
tPD
Propagation delay,
response time
CEPWRMD = 00, CEF = 0,
Overdrive
≥ 20 mV
330
550
ns
CEPWRMD = 01, CEF = 0,
Overdrive
≥ 20 mV
410
650
CEPWRMD = 10, CEF = 0,
Overdrive
≥ 20 mV
30
µs
tPD,filter
Propagation delay
with filter active
CEPWRMD = 00 or 01, CEF = 1,
Overdrive
≥ 20 mV, CEFDLY = 00
0.6
0.9
µs
CEPWRMD = 00 or 01, CEF = 1,
Overdrive
≥ 20 mV, CEFDLY = 01
1.1
1.6
CEPWRMD = 00 or 01, CEF = 1,
Overdrive
≥ 20 mV, CEFDLY = 10
2
3
CEPWRMD = 00 or 01, CEF = 1,
Overdrive
≥ 20 mV, CEFDLY = 11
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com