Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 57 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 57 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 53Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 54Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 55Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 56Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 57Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 58Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 59Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 60Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 212 page
background image
57
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-12. DCO (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC, TA
MIN
TYP
MAX
UNIT
(4)
The maximum parasitic capacitance at the DCO external resistance pin (DCOR) should not exceed 5 pF to ensure the specified DCO
start-up time.
tDCO_JITTER
DCO period jitter
DCORSEL = 5, DCOTUNE = 0
50
90
ps
DCORSEL = 4, DCOTUNE = 0
80
120
DCORSEL = 3, DCOTUNE = 0
115
170
DCORSEL = 2, DCOTUNE = 0
160
240
DCORSEL = 1, DCOTUNE = 0
225
340
DCORSEL = 0, DCOTUNE = 0
450
550
TDCO_STEP
Step size
Step size of the DCO
0.2%
tDCO_SETTLE_RANGE
DCO settling from worst
case DCORSELn to
DCORSELm
DCO settled to within 1.5% of
steady state frequency
10
μs
tDCO_SETTLE_TUNE
DCO settling worst case
DCOTUNEn to
DCOTUNEm within any
DCORSEL setting
DCO settled to within 1.5% of
steady state frequency
10
μs
tSTART
DCO start-up time(4)
DCO settled to within 0.5% of
steady state frequency
5
μs
Table 5-13 lists the overall tolerance of the DCO.
Table 5-13. DCO Overall Tolerance
over operating free-air temperature range (unless otherwise noted)
RESISTOR OPTION
TEMPERATURE
CHANGE
TEMPERATURE
DRIFT (%)
VOLTAGE
CHANGE
VOLTAGE DRIFT
(%)
OVERALL DRIFT
(%)
OVERALL
ACCURACY (%)
Internal resistor
–40°C to 85 °C
±3.125
1.62 V to 3.7 V
±0.2
±3.325
±3.825
0°C
0
1.62 V to 3.7 V
±0.2
±0.2
±0.7
–40°C to 85 °C
±3.125
0 V
0
±3.125
±3.625
External resistor
with 25-ppm TCR
–40°C to 85 °C
±0.5
1.62 V to 3.7 V
±0.2
±0.7
±1.2
0°C
0
1.62 V to 3.7 V
±0.2
±0.2
±0.7
–40°C to 85 °C
±0.5
0 V
0
±0.5
±1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com