Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 85 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 85 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 81Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 82Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 83Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 84Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 85Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 86Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 87Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 88Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 212 page
background image
85
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-36. Comparator_E (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
tEN_CMP
Comparator enable
time
CEON = 0 to 1, CEPWRMD = 00,
VIN+, VIN- from pins,
Overdrive
≥ 20 mV
0.8
1
µs
CEON = 0 to 1, CEPWRMD = 01,
VIN+, VIN- from pins,
Overdrive
≥ 20 mV
0.9
1.2
CEON = 0 to 1, CEPWRMD = 10,
VIN+, VIN- from pins,
Overdrive
≥ 20 mV
15
25
tEN_CMP_VREF
Comparator and
reference ladder and
reference voltage
enable time
CEON = 0 to 1, CEPWRMD = 00,
CEREFLx = 10, CERSx = 11,
REFON = 0, Overdrive
≥ 20 mV
90
120
µs
CEON = 0 to 1, CEPWRMD = 01,
CEREFLx = 10, CERSx = 11,
REFON = 0, Overdrive
≥ 20 mV
90
120
CEON = 0 to 1, CEPWRMD = 10,
CEREFLx = 10, CERSx = 11,
REFON = 0, Overdrive
≥ 20 mV
90
120
CEON = 0 to 1, CEPWRMD = 00,
CEREFLx = 10, CERSx = 10,
REFON = 0, CEREF0 = CEREF1 = 0x0F,
Overdrive
≥ 20 mV
90
180
CEON = 0 to 1, CEPWRMD = 01,
CEREFLx = 10, CERSx = 10,
REFON = 0, CEREF0 = CEREF1 = 0x0F,
Overdrive
≥ 20 mV
90
180
CEON = 0 to 1, CEPWRMD = 10,
CEREFLx = 10, CERSx = 10,
REFON = 0, CEREF0 = CEREF1 = 0x0F,
Overdrive
≥ 20 mV
90
180
tEN_CMP_RL
Comparator and
reference ladder
enable time
CEON = 0 to 1, CEPWRMD = 00,
CEREFLx = 10, CERSx = 10,
REFON = 1, CEREF0 = CEREF1 = 0x0F,
Overdrive
≥ 20 mV
1.5
2
µs
CEON = 0 to 1, CEPWRMD = 01,
CEREFLx = 10, CERSx = 10,
REFON = 1, CEREF0 = CEREF1 = 0x0F,
Overdrive
≥ 20 mV
1.5
2
CEON = 0 to 1, CEPWRMD = 10,
CEREFLx = 10, CERSx = 10,
REFON = 1, CEREF0 = CEREF1 = 0x0F,
Overdrive
≥ 20 mV
15
25
VCMP_REF
Reference voltage for
a given tap
VIN = reference into resistor ladder,
n = 0 to 31
VIN ×
(n + 0.9)
/ 32
VIN ×
(n + 1)
/ 32
VIN ×
(n + 1.1)
/ 32
V
5.26.10 LCD_F
Table 5-37 lists the operating conditions of the LCD controller.
Table 5-37. LCD Recommended Operating Conditions
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VCC,LCD
Supply voltage range,
internal or external
biasing
2.4
3.7
V
fACLK,in
ACLK input frequency
range
10
32.768
128
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com