Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 23 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 23 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 19Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 20Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 21Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 22Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 23Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 24Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 25Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 26Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 212 page
background image
23
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Terminal Configuration and Functions
Copyright © 2017–2018, Texas Instruments Incorporated
Table 4-3. Signal Descriptions (continued)
FUNCTION
SIGNAL NAME
SIGNAL NO. (1)
SIGNAL
TYPE (2)
DESCRIPTION
PZ
RGC
GPIO Port 1
P1.0
4
1
I/O
General-purpose digital I/O with port interrupt, wake-up,
and glitch filtering capability
P1.1
5
2
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P1.2
6
3
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P1.3
7
4
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P1.4
8
5
I/O
General-purpose digital I/O with port interrupt, wake-up,
and glitch filtering capability
P1.5
9
6
I/O
General-purpose digital I/O with port interrupt, wake-up,
and glitch filtering capability
P1.6
10
7
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
P1.7
11
8
I/O
General-purpose digital I/O with port interrupt and wake-up
capability
GPIO Port 2
P2.0
16
13
I/O
General-purpose digital I/O with port interrupt and wake-up
capability and with reconfigurable port mapping secondary
function. This I/O can be configured for high drive
operation with a drive capability of up to 20 mA.
P2.1
17
14
I/O
General-purpose digital I/O with port interrupt and wake-up
capability and with reconfigurable port mapping secondary
function. This I/O can be configured for high drive
operation with a drive capability of up to 20 mA.
P2.2
18
15
I/O
General-purpose digital I/O with port interrupt and wake-up
capability and with reconfigurable port mapping secondary
function. This I/O can be configured for high drive
operation with a drive capability of up to 20 mA.
P2.3
19
16
I/O
General-purpose digital I/O with port interrupt and wake-up
capability and with reconfigurable port mapping secondary
function. This I/O can be configured for high drive
operation with a drive capability of up to 20 mA.
P2.4
20
N/A
I/O
General-purpose digital I/O with port interrupt and wake-up
capability and with reconfigurable port mapping secondary
function
P2.5
21
N/A
I/O
General-purpose digital I/O with port interrupt and wake-up
capability and with reconfigurable port mapping secondary
function
P2.6
22
N/A
I/O
General-purpose digital I/O with port interrupt and wake-up
capability and with reconfigurable port mapping secondary
function
P2.7
23
N/A
I/O
General-purpose digital I/O with port interrupt and wake-up
capability and with reconfigurable port mapping secondary
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com