Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 87 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 87 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 83Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 84Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 85Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 86Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 87Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 88Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 89Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 90Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 212 page
background image
87
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
5.26.11 eUSCI
Table 5-39 lists the supported clock frequencies of the eUSCI in UART mode.
Table 5-39. eUSCI (UART Mode) Clock Frequency
PARAMETER
TEST CONDITIONS
VCORE
VCC
MIN
MAX
UNIT
feUSCI
eUSCI input clock frequency
Internal: SMCLK,
External: UCLK,
Duty cycle = 50% ±10%
1.2 V
12
MHz
1.4 V
24
fBITCLK
BITCLK clock frequency
(equals baud rate in MBaud)
1.2 V
5
MHz
1.4 V
7
Table 5-40 lists the characteristics of the eUSCI in UART mode.
(1)
Pulses on the UART receive input (UCxRX) shorter than the UART receive deglitch time are suppressed. Thus the selected deglitch
time can limit the maximum useable baud rate. To ensure that pulses are correctly recognized, their duration must exceed the maximum
specification of the deglitch time.
Table 5-40. eUSCI (UART Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
tt
UART receive deglitch time(1)
UCGLITx = 0
5
20
ns
UCGLITx = 1
20
60
UCGLITx = 2
30
100
UCGLITx = 3
50
150
Table 5-41 lists the supported clock frequencies of the eUSCI in SPI master mode.
Table 5-41. eUSCI (SPI Master Mode) Clock Frequency
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
feUSCI
eUSCI input clock frequency
SMCLK
Duty cycle = 50% ±10%
VCORE = 1.2 V
12
MHz
VCORE = 1.4 V
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com