Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 51 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 51 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 47Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 48Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 49Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 50Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 51Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 52Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 53Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 54Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 212 page
background image
51
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
5.26.4 Clock Specifications
Table 5-8 lists the input requirement for the low-frequency crystal oscillator, LFXT.
(1)
Does not include board parasitics. Package and board add additional capacitance to CLFXT.
Table 5-8. Low-Frequency Crystal Oscillator, LFXT, Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ESR
Crystal equivalent series resistance
fOSC = 32.768 kHz
16
40
65
k
Ω
CLFXT
Capacitance from LFXT input to ground and from
LFXT output to ground(1)
7.4
12
24
pF
CSHUNT
Crystal shunt capacitance
0.6
0.8
1.6
pF
Cm
Crystal motional capacitance
1
2
10
fF
Table 5-9 lists the characteristics of the low-frequency crystal oscillator, LFXT.
(1)
Total current measured on both AVCC and DVCC supplies.
(2)
Measured at ACLK pin.
(3)
When LFXTBYPASS is set, LFXT circuits are automatically powered down. Input signal is a digital square wave with parametrics
defined in the Schmitt-trigger Inputs section of this data sheet. Duty cycle requirements are defined by DCLFXT, SW.
(4)
Maximum frequency of operation of the entire device cannot be exceeded.
(5)
Oscillation allowance is based on a safety factor of 5 for recommended crystals. The oscillation allowance is a function of the
LFXTDRIVE settings and the effective load. In general, comparable oscillator allowance can be achieved based on the following
guidelines, but should be evaluated based on the actual crystal selected for the application:
•
For LFXTDRIVE = {0}, CL,eff = 3.7 pF
•
For LFXTDRIVE = {1}, 6 pF
≤ CL,eff ≤ 9 pF
•
For LFXTDRIVE = {2}, 6 pF
≤ CL,eff ≤ 10 pF
•
For LFXTDRIVE = {3}, 6 pF
≤ CL,eff ≤ 12 pF
Table 5-9. Low-Frequency Crystal Oscillator, LFXT
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IVCC,LFXT
Current consumption(1)
fOSC = 32.768 kHz,
LFXTBYPASS = 0, LFXTDRIVE = {0},
CL,eff = 3.7 pF, Typical ESR, CSHUNT
3.0 V
100
nA
fOSC = 32.768 kHz,
LFXTBYPASS = 0, LFXTDRIVE = {1},
CL,eff = 6 pF, Typical ESR, CSHUNT
120
fOSC = 32.768 kHz,
LFXTBYPASS = 0, LFXTDRIVE = {2},
CL,eff = 9 pF, Typical ESR, CSHUNT
150
fOSC = 32.768 kHz,
LFXTBYPASS = 0, LFXTDRIVE = {3},
CL,eff = 12 pF, Typical ESR, CSHUNT
170
fLFXT
LFXT oscillator crystal
frequency
LFXTBYPASS = 0(2)
32.768
kHz
DCLFXT
LFXT oscillator duty cycle
fLFXT = 32.768 kHz
(2)
30%
70%
fLFXT,SW
LFXT oscillator logic-level
square-wave input frequency
LFXTBYPASS = 1(3) (4)
10
32.768
50
kHz
DCLFXT,
SW
LFXT oscillator logic-level
square-wave input duty cycle
LFXTBYPASS = 1
30%
70%
OALFXT
Oscillation allowance for
LF crystals(5)
LFXTBYPASS = 0, LFXTDRIVE = {1},
fLFXT = 32.768 kHz, CL,eff = 6 pF
200
240
k
Ω
LFXTBYPASS = 0, LFXTDRIVE = {3},
fLFXT = 32.768 kHz, CL,eff = 12 pF
300
340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com