Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 71 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 71 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 67Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 68Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 69Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 70Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 71Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 72Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 73Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 74Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 212 page
background image
71
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-30 lists the dynamic parameters of the ADC.
(1)
VeREF- pin should be connected to onboard ground for ADC14VRSEL = 0xE.
(2)
ADC clock derived from HFXT oscillator.
Table 5-30. Precision ADC Dynamic Parameters(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SINAD(2)
Signal-to-noise and distortion
1 Msps, ADC14DIF = 0, ADC14VRSEL = 0xE,
2.5-V reference, 20-kHz input sine,
LDO based operation
71
73
dB
1 Msps, ADC14DIF = 0, ADC14VRSEL = 0xE,
2.5-V reference, 20-kHz input sine,
DC/DC based operation
62
70
1 Msps, ADC14DIF = 1, ADC14VRSEL = 0xE,
2.5-V reference, 20-kHz input sine
79
81
ENOB(2)
Effective number of bits
1 Msps, ADC14DIF = 0, ADC14VRSEL = 0xE,
2.5-V reference, 20-kHz input sine,
LDO based operation
11.5
11.8
bit
1 Msps, ADC14DIF = 0, ADC14VRSEL = 0xE,
2.5-V reference, 20-kHz input sine,
DC/DC based operation
10
11.3
1 Msps, ADC14DIF = 1, ADC14VRSEL = 0xE,
2.5-V reference, 20-kHz input sine
12.8
13.2
CMRR_DC
Common-mode rejection ratio,
DC
Common-mode input signal = 0 to VREF pp at DC,
ADC14DIF = 1
70
85
dB
CMRR_AC
Common-mode rejection ratio,
AC
Common-mode input signal = 0 to VREF pp at
1 MHz, ADC14DIF = 1
55
65
dB
PSRR_DC
Power supply rejection ratio,
DC
AVCC = AVCC (min) to AVCC(max),
ADC14DIF = 0, ADC14VRSEL = 0xE
1
2.5
mV/V
AVCC = AVCC (min) to AVCC(max),
ADC14DIF = 1, ADC14VRSEL = 0xE
50
150
µV/V
PSRR_AC
Power supply rejection ratio,
AC
dAVCC = 0.1 V at 1 kHz,
ADC14DIF = 0, ADC14VRSEL = 0xE
1
mV/V
dAVCC = 0.1 V at 1 kHz,
ADC14DIF = 1, ADC14VRSEL = 0xE
50
µV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com