Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 69 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 69 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 65Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 66Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 67Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 68Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 69Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 70Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 71Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 72Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 212 page
background image
69
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
5.26.7 Precision ADC
Table 5-27 lists the power supply and input range conditions for the ADC.
(1)
The analog input voltage range must be within the selected reference voltage range VR+ to VR– for valid conversion results.
(2)
The internal reference supply current is not included in current consumption parameter I(ADC14).
(3)
Represents only the ADC switching capacitance. See the digital inputs electrical specification for internal parasitic pin capacitance.
Table 5-27. Precision ADC Power Supply and Input Range Conditions
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
NOM
MAX
UNIT
AVCC
Analog supply voltage
AVCC and DVCC are connected together,
AVSS and DVSS are connected together,
V(AVSS) = V(DVSS) = 0 V,
ADC14PWRMD = 2
1.62
3.7
V
AVCC
Analog supply voltage
AVCC and DVCC are connected together,
AVSS and DVSS are connected together,
V(AVSS) = V(DVSS) = 0 V,
ADC14PWRMD = 0
1.8
3.7
V
V(Ax)
Analog input voltage
range(1)
All ADC analog input pins Ax
0
AVCC
V
VCM
Input common-mode range
All ADC analog input pins Ax (ADC14DIF = 1)
0
VREF /
2
VREF
V
I(ADC14)
single-ended
mode
Operating supply current
into AVCC plus DVCC
terminal(2)
fADC14CLK = 25 MHz,
1 Msps (ADC14PWRMD = 0),
ADC14ON = 1, ADC14DIF = 0,
ADC14VRSEL = 0xE, REFON = 0,
ADC14SHT0x = 0x0, ADC14SHT1x = 0x0
3.0 V
490
640
µA
2.2 V
450
580
fADC14CLK = 5 MHz,
200 ksps (ADC14PWRMD = 2),
ADC14ON = 1, ADC14DIF = 0,
ADC14VRSEL = 0xE, REFON = 0,
ADC14SHT0x = 0x0, ADC14SHT1x = 0x0
3.0 V
215
270
2.2 V
210
260
I(ADC14)
differential
mode
Operating supply current
into AVCC plus DVCC
terminal(2)
fADC14CLK = 25 MHz,
1 Msps (ADC14PWRMD = 0),
ADC14ON = 1, ADC14DIF = 1,
ADC14VRSEL = 0xE, REFON = 0,
ADC14SHT0x = 0x0, ADC14SHT1x = 0x0
3.0 V
690
875
µA
2.2 V
620
785
fADC14CLK = 5 MHz,
200 ksps (ADC14PWRMD = 2),
ADC14ON = 1, ADC14DIF = 1,
ADC14VRSEL = 0xE, REFON = 0,
ADC14SHT0x = 0x0, ADC14SHT1x = 0x0
3.0 V
275
335
2.2 V
260
320
CI
Input capacitance into a
single terminal(3)
12
15
pF
RI
Input MUX ON-resistance
0 V
≤ V(Ax)≤ AVCC
1.8 V to
3.7 V
0.135
1
kΩ
1.62 V to
<1.8 V
0.15
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com