Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 70 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 70 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 66Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 67Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 68Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 69Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 70Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 71Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 72Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 73Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 212 page
background image
70
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-28 lists the timing parameters of the ADC.
(1)
MODOSC can be used for 1 Msps and SYSOSC can be used for 200 ksps sampling rate operations of ADC.
(2)
The condition is that the error in a conversion started after tADC14ON is less than ±1 LSB. The reference and input signal are already
settled.
(3)
Sampling time should be at least 4 × (1 / fADC14CLK).
(4)
tsample ≥ (n + 1) × ln(2) × [(RS + RI) × CI + RS × (Cpext + Cpint)], where n = ADC resolution =14, RS = external source resistance, Cpext =
external parasitic capacitance.
Table 5-28. Precision ADC Timing Parameters
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fADC14CLK
ADC clock frequency(1)
ADC14PWRMD = 0
1.8 V to 3.7 V
0.128
25
MHz
ADC14PWRMD = 2
1.62 V to 3.7 V
0.128
5.75
NCONVERT
Clock cycles for conversion
ADC14RES = 11
16
cycles
ADC14RES = 10
14
ADC14RES = 01
11
ADC14RES = 00
9
tADC14ON
Turnon settling time of ADC
See (2)
1.5
µs
tSample
Sampling time(3) (4)
RS = 200 Ω, Cpext = 10 pF,
RI = 1 kΩ, CI = 15 pF, Cpint = 5 pF
0.215
µs
Table 5-29 lists the linearity parameters of the ADC.
(1)
Minimum reference voltage of 1.45 V is necessary to meet the specified accuracy. Lower reference voltage down to 1.2 V can be
applied for 1-Msps sampling rate with reduced accuracy requirements.
(2)
Connect the VeREF- pin to onboard ground for ADC14VRSEL = 0xE.
Table 5-29. Precision ADC Linearity Parameters(1)(2)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
14
bits
EI
Integral linearity error (INL)
±2.3
LSB
ED
Differential linearity error
(DNL)
–0.99
1
LSB
EO
Offset error
ADC14VRSEL = 0xE, 0xF
±0.2
±1
mV
ADC14VRSEL = 0x1
±1.2
±2
EG
Gain error
ADC14VRSEL = 0xE
±2
±4
LSB
ADC14VRSEL = 0xF
±20
±60
ADC14VRSEL = 0x1
±50
±180
ET
Total unadjusted error
ADC14VRSEL = 0xE
±4
±15
LSB
ADC14VRSEL = 0xF
±22
±62
ADC14VRSEL = 0x1
±55
±185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com