Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 55 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 55 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 51Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 52Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 53Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 54Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 55Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 56Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 57Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 58Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 212 page
background image
55
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-11. High-Frequency Crystal Oscillator, HFXT (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
(4)
Does not include programable start-up counter.
(5)
This represents all the parasitic capacitance present at the HFXIN and HFXOUT terminals, respectively, including parasitic bond and
package capacitance. The effective load capacitance, CL,eff can be computed as CIN × COUT / (CIN + COUT), where CIN and COUT are the
total capacitance at the HFXIN and HFXOUT terminals, respectively.
(6)
Requires external capacitors at both terminals to meet the effective load capacitance specified by crystal manufacturers. Recommended
effective load capacitance values supported are 14 pF, 16 pF, and 18 pF. Maximum shunt capacitance of 7 pF. The PCB adds
additional capacitance, so it must also be considered in the overall capacitance. Verify that the recommended effective load capacitance
of the selected crystal is met.
(7)
Frequencies greater than the MAX specification do not set the fault flag. Frequencies between the MIN and MAX specification may set
the flag. A static condition or stuck-at-fault condition sets the fault flag.
(8)
Measured with logic-level input frequency but also applies to operation with crystals.
tSTART,HFXT
Start-up time(4)
fOSC = 1 MHz,
HFXTBYPASS = 0, HFXTDRIVE = 0,
HFFREQ = 0, CL,eff = 16 pF,
Typical ESR and CSHUNT,
FCNTHF_EN = 0
3.0 V
4
ms
fOSC = 4 MHz,
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 0, CL,eff = 16 pF,
Typical ESR and CSHUNT,
FCNTHF_EN = 0
1.8
fOSC = 8 MHz,
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 1, CL,eff = 16 pF,
Typical ESR and CSHUNT,
FCNTHF_EN = 0
0.7
fOSC = 16 MHz,
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 2, CL,eff = 16 pF,
Typical ESR and CSHUNT,
FCNTHF_EN = 0
0.6
fOSC = 24 MHz,
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 3, CL,eff = 16 pF,
Typical ESR and CSHUNT,
FCNTHF_EN = 0
450
µs
fOSC = 32 MHz,
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 4, CL,eff = 16 pF,
Typical ESR and CSHUNT,
FCNTHF_EN = 0
300
fOSC = 40 MHz,
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 5, CL,eff = 16 pF,
Typical ESR and CSHUNT,
FCNTHF_EN = 0
250
fOSC = 48 MHz,
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 6, CL,eff = 16 pF,
Typical ESR and CSHUNT,
FCNTHF_EN = 0
250
CHFXIN
Integrated load capacitance at
HFXIN terminal(5) (6)
2
pF
CHFXOUT
Integrated load capacitance at
HFXOUT terminal(5) (6)
2
pF
fFault,HFXT
Oscillator fault frequency(7) (8)
400
700
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com