Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 50 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 50 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 46Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 47Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 48Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 49Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 50Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 51Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 52Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 53Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 212 page
background image
50
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-7 lists the latencies required to change to and from LPM3.5 and LPM4.5 modes.
(1)
This is the latency from WFI instruction execution by CPU to LPM3.5 mode entry.
(2)
This is the latency from WFI instruction execution by CPU to LPM4.5 mode entry.
(3)
This is the latency from I/O wake-up event to start of user application code.
Table 5-7. LPM3.5, LPM4.5 Mode Transition Latencies
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
ORIGINAL
OPERATING MODE
FINAL OPERATING
MODE
TEST CONDITIONS
TYP
MAX
UNIT
tAMLDOx_LPM3.5
(1)
AM_LDO_VCOREx
LPM3.5
Transition from AM_LDO_VCORE0 or
AM_LDO_VCORE1 to LPM3.5
57
60
µs
tAMDCDCx_LPM3.5
(1)
AM_DCDC_VCOREx
LPM3.5
Transition from AM_DCDC_VCORE0 or
AM_DCDC_VCORE1 to LPM3.5
70
83
µs
tAMLFx_LPM3.5
(1)
AM_LF_VCOREx
LPM3.5
Transition from AM_LF_VCORE0 or
AM_LF_VCORE1 to LPM3.5
224
275
µs
tAMLDOx_LPM4.5
(2)
AM_LDO_VCOREx
LPM4.5
Transition from AM_LDO_VCORE0 or
AM_LDO_VCORE1 to LPM4.5
57
60
µs
tAMDCDCx_LPM4.5
(2)
AM_DCDC_VCOREx
LPM4.5
Transition from AM_DCDC_VCORE0 or
AM_DCDC_VCORE1 to LPM4.5
68
81
µs
tAMLFx_LPM4.5
(2)
AM_LF_VCOREx
LPM4.5
Transition from AM_LF_VCORE0 or
AM_LF_VCORE1 to LPM4.5
230
248
µs
tLPM3.5_AMLDO0
(3)
LPM3.5
AM_LDO_VCORE0
Transition from LPM3.5 to
AM_LDO_VCORE0
0.7
0.8
ms
tLPM4.5_AMLDO0_SVSMON, 100 nF
(3)
LPM4.5
AM_LDO_VCORE0
Transition from LPM4.5 to
AM_LDO_VCORE0,
SVSMH enabled while in LPM4.5,
CVCORE = 100 nF
0.8
0.9
ms
tLPM4.5_AMLDO0_SVSMON, 4.7 µF
(3)
LPM4.5
AM_LDO_VCORE0
Transition from LPM4.5 to
AM_LDO_VCORE0,
SVSMH enabled while in LPM4.5,
CVCORE = 4.7 µF
0.9
1.0
ms
tLPM4.5_AMLDO0_SVSMOFF, 100 nF
(3)
LPM4.5
AM_LDO_VCORE0
Transition from LPM4.5 to
AM_LDO_VCORE0,
SVSMH disabled while in LPM4.5,
CVCORE = 100 nF
1.0
1.1
ms
tLPM4.5_AMLDO0_SVSMOFF, 4.7 µF
(3)
LPM4.5
AM_LDO_VCORE0
Transition from LPM4.5 to
AM_LDO_VCORE0,
SVSMH disabled while in LPM4.5,
CVCORE = 4.7 µF
1.1
1.2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com