Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 9 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 5Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 6Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 7Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 8Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 9Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 10Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 11Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 12Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 212 page
background image
9
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Terminal Configuration and Functions
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
(RD) indicates the reset default signal name for that pin.
(2)
To determine the pin mux encodings for each pin, see Section 6.12.
(3)
Signal Types: I = Input, O = Output, I/O = Input or Output, P = power
(4)
Buffer Types: See Section 4.6 for details
(5)
The power source shown in this table is the I/O power source, which may differ from the module power source.
(6)
Reset States:
OFF = High-impedance with Schmitt trigger and pullup or pulldown (if available) disabled
PD = High-impedance input with pulldown enabled
PU = High-impedance input with pullup enabled
N/A = Not applicable
(7)
This LCD drive pin is also mirrored at a different location in the 100-pin PZ package. Assign the LCD drive output to only one pin at a
time.
4.3
Pin Attributes
Table 4-1 describes the attributes of the pins for the MSP432P411xI devices.
Table 4-1. Pin Attributes for MSP432P411xI
PIN NO.
(PZ
PACKAGE)
SIGNAL NAME (1) (2)
SIGNAL TYPE (3)
BUFFER TYPE (4)
POWER SOURCE
(5)
RESET STATE
AFTER POR (6)
1
P10.1 (RD)
I/O
LVCMOS
DVCC
OFF
UCB3CLK
I/O
LVCMOS
DVCC
N/A
L38
O
Analog
DVCC
N/A
2
P10.2 (RD)
I/O
LVCMOS
DVCC
OFF
UCB3SIMO
I/O
LVCMOS
DVCC
N/A
UCB3SDA
I/O
LVCMOS
DVCC
N/A
L37
O
Analog
DVCC
N/A
3
P10.3 (RD)
I/O
LVCMOS
DVCC
OFF
UCB3SOMI
I/O
LVCMOS
DVCC
N/A
UCB3SCL
I/O
LVCMOS
DVCC
N/A
L36
O
Analog
DVCC
N/A
4
P1.0 (RD)
I/O
LVCMOS
DVCC
OFF
UCA0STE
I/O
LVCMOS
DVCC
N/A
L19 (7)
O
Analog
DVCC
N/A
5
P1.1 (RD)
I/O
LVCMOS
DVCC
OFF
UCA0CLK
I/O
LVCMOS
DVCC
N/A
L18 (7)
O
Analog
DVCC
N/A
6
P1.2 (RD)
I/O
LVCMOS
DVCC
OFF
UCA0RXD
I
LVCMOS
DVCC
N/A
UCA0SOMI
I/O
LVCMOS
DVCC
N/A
L17 (7)
O
Analog
DVCC
N/A
7
P1.3 (RD)
I/O
LVCMOS
DVCC
OFF
UCA0TXD
O
LVCMOS
DVCC
N/A
UCA0SIMO
I/O
LVCMOS
DVCC
N/A
L16 (7)
O
Analog
DVCC
N/A
8
P1.4 (RD)
I/O
LVCMOS
DVCC
OFF
UCB0STE
I/O
LVCMOS
DVCC
N/A
L15 (7)
O
Analog
DVCC
N/A
9
P1.5 (RD)
I/O
LVCMOS
DVCC
OFF
UCB0CLK
I/O
LVCMOS
DVCC
N/A
L14 (7)
O
Analog
DVCC
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com