Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 29 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 29 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 25Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 26Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 27Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 28Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 29Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 30Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 31Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 32Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 212 page
background image
29
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Terminal Configuration and Functions
Copyright © 2017–2018, Texas Instruments Incorporated
Table 4-3. Signal Descriptions (continued)
FUNCTION
SIGNAL NAME
SIGNAL NO. (1)
SIGNAL
TYPE (2)
DESCRIPTION
PZ
RGC
Timer
PM_TA1.1
29
N/A
I/O
Default mapping: TA1 CCR1 capture: CCI1A input,
compare: Out1
TA1.0
30
17
I/O
TA1 CCR0 capture: CCI0A input, compare: Out0
TA2.0
31
18
I/O
TA2 CCR0 capture: CCI0A input, compare: Out0
TA2.1
70
45
I/O
TA2 CCR1 capture: CCI1A input, compare: Out1
TA2.2
71
46
I/O
TA2 CCR2 capture: CCI2A input, compare: Out2
TA2.3
80
49
I/O
TA2 CCR3 capture: CCI3A input, compare: Out3
TA2.4
81
50
I/O
TA2 CCR4 capture: CCI4A input, compare: Out4
TA2CLK
58
33
I
TA2 input clock
TA3.0
24
N/A
I/O
TA3 CCR0 capture: CCI0A input, compare: Out0
TA3.1
25
N/A
I/O
TA3 CCR1 capture: CCI1A input, compare: Out1
TA3.2
46
N/A
I/O
TA3 CCR2 capture: CCI2A input, compare: Out2
TA3.3
74
N/A
I/O
TA3 CCR3 capture: CCI3A input, compare: Out3
TA3.4
75
N/A
I/O
TA3 CCR4 capture: CCI4A input, compare: Out4
TA3CLK
47
N/A
I
TA3 input clock
UART
UCA0RXD
6
3
I
Receive data for eUSCI_A0 UART mode
UCA0TXD
7
4
O
Transmit data for eUSCI_A0 UART mode
UCA3RXD
98
N/A
I
Receive data for eUSCI_A3 UART mode
UCA3TXD
99
N/A
O
Transmit data for eUSCI_A3 UART mode
(1)
This is a switch, not a buffer.
(2)
Only for input pins.
(3)
This is supply input, not a buffer.
4.5
Pin Multiplexing
Pin multiplexing for these devices is controlled by both register settings and operating modes (for
example, if the device is in test mode). For details of the settings for each pin and diagrams of the
multiplexed ports, see Section 6.12.
4.6
Buffer Types
Table 4-4 describes the buffer types that are referenced in Table 4-1 and Table 4-2.
Table 4-4. Buffer Type
BUFFER TYPE
(STANDARD)
NOMINAL
VOLTAGE
HYSTERESIS
PU OR PD
NOMINAL PU OR
PD STRENGTH
(µA)
OUTPUT DRIVE
STRENGTH (mA)
OTHER
CHARACTERISTIC
S
Analog (1)
3.0 V
N
N/A
N/A
N/A
See analog modules
in Section 5 for
details.
HVCMOS
13.0 V
Y
N/A
N/A
See Section 5.26.6.
LVCMOS
3.0 V
Y (2)
Programmable
See Section 5.26.6.
See Section 5.26.6.
Power (DVCC) (3)
3.0 V
N
N/A
N/A
N/A
SVSMH enables
hysteresis on
DVCC.
Power (AVCC) (3)
3.0 V
N
N/A
N/A
N/A
Power (DVSS and
AVSS) (3)
0 V
N
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com